Electronic Components Datasheet Search
  English  ▼

X  

21940 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # 21940
Description  Power-assisted compression tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

21940 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  21940 Datasheet HTML 1Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 2Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 3Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 4Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 5Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 6Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
E13
—
Power-assisted compression tools
Approx. 350 crimps per full battery charge
(based on 3/0 AWG cable)
Specifications
• Capacity: Cu #8–600 kcmil, Al #8–400 kcmil
• Output force: 6 tons
• Dimensions (L x W x H): 18 in. x 3.5 in. x 4.5 in.
• Battery: 14.4 V DC
• Weight with battery: 8.75 lb
Specifications
• Capacity: Cu #8–300 kcmil, Al #8–4/0 kcmil
• Output force: 6 tons
• Dimensions (L x W x H): 22 in. x 3.5 in. x 4.5 in.
• Battery: 14.4 V DC
• Weight with battery: 8.75 lb
Cat no.
Description
Pkg. qty.
TBM62CR-LI
Li inline 6-ton closed crimp tool
1
Cat no.
Description
Pkg. qty.
TBM6UCR-LI
Li inline 6-ton open OD crimp tool
1
Li inline 6-ton closed crimp tool
• Designed with a rotating 180° head and
integrated LED work lights, offering more
maneuverability in tight spaces, while still
providing 6 tons of parallel-action crimping force
• Designed for one-handed control ram
advancement and retraction with a rapid advance
feature that decreases crimp time
• Accepts W-style dies
• Works with MAKITA LXT 18 V
lithium-ion batteries‡
Li inline 6-ton open OD crimp tool
• Designed with a rotating 180° jaws and
integrated LED work lights, offering more
maneuverability in tight spaces, while still
providing 6 tons of scissor-action crimping force
• Designed for one-handed control ram
advancement and retraction with a rapid advance
feature that decreases crimp time
• Accepts W-style dies
Approx. 350 crimps per full battery charge
(based on 3/0 AWG cable)
B L ACK BURN ME TR IC A ND P OW ER- A SSIS TED COMPR E SSION TOOL S
‡ ABB Installation Products Inc. and its related companies are not affiliated, associated, authorized, sponsored, endorsed by or in any way officially
connected with Makita Corporation or any of its subsidiaries or its affiliates. MAKITA and LXT are trademarks of Makita Corporation


Similar Part No. - 21940

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2194 ALPHAWIRE-2194 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Abbatron All Rights Res...
2194 ABBATRON-2194 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Tyco Electronics
219413-1 MACOM-219413-1 Datasheet
109Kb / 1P
CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
219413-2 MACOM-219413-2 Datasheet
109Kb / 1P
CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
219413-3 MACOM-219413-3 Datasheet
109Kb / 1P
CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
More results

Similar Description - 21940

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5822 AVAGO-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
List of Unclassifed Man...
WC-620 ETC2-WC-620 Datasheet
70Kb / 6P
Crimping tools
logo
AVAGO TECHNOLOGIES LIMI...
ASLM-5829 AVAGO-ASLM-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
ASML-5822 AVAGO-ASML-5822_15 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
TE Connectivity Ltd
408-7158 TEC-408-7158 Datasheet
468Kb / 2P
Extraction Tools
logo
AVAGO TECHNOLOGIES LIMI...
ASML-5829 AVAGO-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Rosenberger Hochfrequen...
32W100-023 ROSENBERGER-32W100-023 Datasheet
77Kb / 1P
FLARING TOOLS
logo
Broadcom Corporation.
ASML-5822 BOARDCOM-ASML-5822 Datasheet
448Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
ASML-5829 BOARDCOM-ASML-5829 Datasheet
446Kb / 6P
Schottky Assisted Low Power PIN Diode Limiter
logo
Murata Manufacturing Co...
SCA11H MURATA-SCA11H Datasheet
553Kb / 11P
Hospitals, elderly care, assisted living
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com