Electronic Components Datasheet Search
  English  ▼

X  

21940 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # 21940
Description  Power-assisted compression tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

21940 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  21940 Datasheet HTML 1Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 2Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 3Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 4Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 5Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 6Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
E16
B L ACK BU R N/COLOR- K E YE D/HOM AC TOOL S , DIE S A ND K ITS
—
Power-assisted compression tools
TBM14RH 14-ton remote hydraulic head
• Crimps connectors up to 900 kcmil copper
and 750 kcmil aluminum
• Wide, 1.65 in. jaw opening accommodates
large connectors
• Quick automatic coupler enables fast connection
to hydraulic systems
• Requires hydraulic pump with working pressure
of 10,000 psi
• Provides 14 tons of crimping force
• Includes carrying case (dies sold separately)
• Use standard ABB Color-Keyed 15500 series dies
(refer to pp. 31–46 )
Specifications
• Installing range:
- Up to 900 kcmil copper lugs and splices
- Up to 750 kcmil aluminum lugs and splices
- 54755 to 54775 C-taps
• Output force: 14 tons
• Dimensions (L x W x H): 91/8 in. x 33/4 in. x 47/8 in.
• Weight: 8.5 lb
13100A 14-ton hydraulic crimping head
• Rugged design, made to last in field or on bench
• C-yoke provides maximum flexibility for crimping
• Uses standard ABB Color-Keyed 15500 series
dies (refer to pp. 31–46 )
• Operates on 10,000 psi hydraulic pumps
Specifications
• Installing range:
- Up to 900 kcmil copper lugs and splices
- Up to 750 kcmil aluminum lugs and splices
- CHT814-10 to CHT2502-6 copper H-taps
- 63105 to 63148 aluminum H-taps
- 54755 to 54775 C-taps
• Output force: 14 tons
• Operating pressure: 10,000 psi nominal
• Dimensions (L x W x H): 111/2 in. x 21/2 in. x 41/4 in.
• Weight: 10 lb
Cat no.
Description
Pkg. qty.
TBM14RH
14-ton crimp remote head
1
Cat no.
Description
Pkg. qty.
13100A
14-ton hydraulic head with steel case
1
Creates hex-style crimp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com