Electronic Components Datasheet Search
  English  ▼

X  

21940 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # 21940
Description  Power-assisted compression tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

21940 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  21940 Datasheet HTML 1Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 2Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 3Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 4Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 5Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 6Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
E14
B L ACK BU R N/COLOR- K E YE D/HOM AC TOOL S , DIE S A ND K ITS
—
Power-assisted compression tools
Li 6-ton open crimp tool
• Designed for one-handed control ram
advancement and retraction
• Open yoke design with rotating head allows
for maximum crimping flexibility
• Protective rubber insulated boot on head
• Rapid advance feature decreases crimp time
• Approx. 350 crimps per full battery charge
(based on 3/0 AWG cable)
Specifications
• Capacity: Cu #8–600 kcmil, Al #8–400 kcmil
• Output force: 6 tons
• Dimensions (L x W x H): 13 in. x 2.5 in. x 12 in.
• Battery: 14.4 V DC
• Weight with battery: 8.75 lb
Li 6-ton closed crimp tool
• Designed for one-handed control ram
advancement and retraction
• Rotating head allows maximum flexibility
for crimping
• Rapid advance feature decreases crimp time
• Approx. 350 crimps per full battery charge
(based on 3/0 AWG cable)
Specifications
• Capacity: Cu #8–600 kcmil, Al #10–400 kcmil
• Output force: 6 tons
• Dimensions (L x W x H): 13 in. x 2.5 in. x 12 in.
• Battery: 14.4 VDC
• Weight with battery: 8.5 lb
Cat no.
Description
Pkg. qty.
TBM6PCR-LI
Li 6-ton open crimp tool equipped with lithium-ion (LI) battery technology.
1
Cat no.
Description
Pkg. qty.
TBM62PCR-LI
Li 6-ton closed crimp tool
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com