Electronic Components Datasheet Search
  English  ▼

X  

21940 Datasheet(PDF) 7 Page - Infinite Electronics International, Inc.

Part # 21940
Description  Power-assisted compression tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

21940 Datasheet(HTML) 7 Page - Infinite Electronics International, Inc.

  21940 Datasheet HTML 1Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 2Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 3Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 4Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 5Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 6Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
E19
—
Power-assisted compression tools
13642M 12-ton hydraulic crimping head
• Rugged steel construction is durable
for most applications
• Used for Color-Keyed and Sta-Kon® connectors
• The only military-listed hydraulic head
(Mil. Spec. MS25441-1)
• Uses 11700 series dies for Color-Keyed
connectors (refer to pp. 31–46 )
Specifications
• Installing range:
- Up to 900 kcmil copper lugs and splices
- Up to 750 kcmil aluminum lugs and splices
• 54755 to 54775 C-taps
• Output force: 12 tons
• Operating pressure: 10,000 psi nominal
• Dimensions (L x W x H): 141/2 in. x 21/2 in. x 315⁄16 in.
• Weight: 9 lb
Cat no.
Description
Pkg. qty.
13642M
12-ton hydraulic head with steel case
1
TBM12 12-ton hydraulic crimp head
• Rugged steel construction is durable
for most applications
• Includes five sets of multi-nested dies
• Dies emboss die code on connectors
for easy inspection
• Closed yoke design yields maximum
crimp performance
• Uses TBM12D style dies (refer to pp. 31–46)
Specifications
• Installing range:
- Up to 900 kcmil copper lugs and splices
- Up to 750 kcmil aluminum lugs and splices
- 54755 to 54775 C-taps
• Output force: 12 tons
• Operating pressure: 10,000 psi nominal
• Dimensions (L x W x H): 141/4 in. x 21/2 in. x 37/8 in.
• Weight: 9 lb
Cat no.
Description
Pkg. qty.
TBM12
12-ton hydraulic head with steel case
1
If using old style 11700 series die set, use adaptor, cat. no. TBM12D-AR (not included) for adaptation to the above tool. Order adaptor separately.
Creates hex-style crimp
Creates hex-style crimp
B L ACK BURN P OW ER- A SSIS TED COMPR E SSION TOOL S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com