Electronic Components Datasheet Search
  English  ▼

X  

21940 Datasheet(PDF) 5 Page - Infinite Electronics International, Inc.

Part # 21940
Description  Power-assisted compression tools
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

21940 Datasheet(HTML) 5 Page - Infinite Electronics International, Inc.

  21940 Datasheet HTML 1Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 2Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 3Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 4Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 5Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 6Page - Infinite Electronics International, Inc. 21940 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
E17
—
Power-assisted compression tools
Battpac™ TBM15CR-LI hermetically sealed
15-ton battery-powered compression tool
• Rotating head allows maximum flexibility
for crimping
• Protective rubber boot on head
Li 14-ton open crimp tool
• Rotating head allows maximum flexibility
for crimping
• Protective rubber boot on “C” head
• Rapid advance feature decreases crimp time
Cat no.
Description
Pkg. qty.
TBM15CR-LI
Li 15-ton closed crimp tool
1
15500-TB
Die adaptor for 15500 series dies
1
Cat no.
Description
Pkg. qty.
TBM14CR-LI
Li 14-ton open crimp tool
1
B L ACK BURN P OW ER- A SSIS TED COMPR E SSION TOOL S
‡ ABB Installation Products Inc. and its related companies are not affiliated, associated, authorized, sponsored,
endorsed by or in any way officially connected with Makita Corporation or any of its subsidiaries or its affiliates.
MAKITA and LXT are trademarks of Makita Corporation
• Rapid advance feature decreases crimp time
• Approx. 150 crimps per full battery charge
(based on 3/0 AWG cable)
• Works with MAKITA LXT 18 V
lithium-ion batteries‡
Specifications
• Installing range:
- Up to 1500 kcmil copper lugs and splices
- Up to 1250 kcmil aluminum lugs and splices
• Capacity: Cu #8–1,500 kcmil, Al #10–1,250 kcmil
• Output force: 14 tons
• Dimensions (L x W x H): 21.5 in. x 3.5 in. x 10.5 in.
• Battery: 14.4 V DC
• Weight with battery: 24 lb
• Approx. 150 crimps per full battery charge
(based on 3/0 AWG cable)
• Works with MAKITA LXT 18 V
lithium-ion batteries‡
Specifications
• Installing range:
- Up to 900 kcmil copper lugs and splices
- Up to 750 kcmil aluminum lugs and splices
• Capacity: Cu #8–900 kcmil, Al #10–750 kcmil
• Output force: 14 tons
• Dimensions (L x W x H): 19 in. x 3.5 in. x 10.5 in.
• Battery: 14.4 V DC
• Weight with battery: 20 lb



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com