Electronic Components Datasheet Search
  English  ▼

X  

LTM4620 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM4620
Description  Dual 13A or Single 26A DC/DC μModule Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4620 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM4620 Datasheet HTML 32Page - Analog Devices LTM4620 Datasheet HTML 33Page - Analog Devices LTM4620 Datasheet HTML 34Page - Analog Devices LTM4620 Datasheet HTML 35Page - Analog Devices LTM4620 Datasheet HTML 36Page - Analog Devices LTM4620 Datasheet HTML 37Page - Analog Devices LTM4620 Datasheet HTML 38Page - Analog Devices LTM4620 Datasheet HTML 39Page - Analog Devices LTM4620 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
LTM4620
39
4620fc
For more information www.linear.com/LTM4620
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
10/13
Revised temperature monitoring (TEMP) explanation
Added BGA package
20, 21
2, 38, 40
B
02/14
Added SnPb BGA package option
1, 2
C
06/17
Added LTM4620Y MP-Grade to the Order Information
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com