Electronic Components Datasheet Search
  English  ▼

X  

LTM4620 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4620
Description  Dual 13A or Single 26A DC/DC μModule Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4620 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4620 Datasheet HTML 17Page - Analog Devices LTM4620 Datasheet HTML 18Page - Analog Devices LTM4620 Datasheet HTML 19Page - Analog Devices LTM4620 Datasheet HTML 20Page - Analog Devices LTM4620 Datasheet HTML 21Page - Analog Devices LTM4620 Datasheet HTML 22Page - Analog Devices LTM4620 Datasheet HTML 23Page - Analog Devices LTM4620 Datasheet HTML 24Page - Analog Devices LTM4620 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTM4620
21
4620fc
For more information www.linear.com/LTM4620
APPLICATIONS INFORMATION
the diode connected PNP transistor biased with a 100µA
current source. This plot would extend to the left back to
1.2V at –273°C Kelvin. This curve is stop at –55°C due to
the test system limits.
If we take the IS equation and substitute into the VD equa-
tion, then we get:
VD
= VG0 – Ktq
 ln
I0
ID
  , VT =
kT
q
 
The expression shows that the junction voltage of the PNP
connected diode decreases linearly if Io were constant
from a value VG0 of 1.2V at absolute zero to a decreasing
value with increased temperature.
If we take this equation and differentiate it with respect to
temperature T, then:
dVD
dT
= – VG0 – VD
(
) / T This dVD
dT
change as a function of temperature is the typical
~–2mV/°C. This equation is simplified for the first order
derivation.
Solving for T, T = –(VG0 – VD)/ dVD provide the
temperature.
1st Example: Figure 4 for 27°C, or 300°C Kelvin the diode
voltage is 0.598V, thus, 300°C = –(1200mV – 598mV)/
–2mV/°C)
2nd Example: Figure 4 for 75°C, or 350°C Kelvin the diode
voltage is 0.50V, thus, 350°C = –(1200mV – 500mV)/
–2mV/°C)
Converting the Kelvin scale to Celsius is simply taking the
Kelvin temp and subtracting –273°C Kelvin from it.
A typical forward voltage is measured and placed in the
electrical characteristics section of the data sheet, and
Figure 8 is the plot of this forward voltage. Measure this
forward voltage at 27°C to establish a reference point.
Then use the above expression while measuring the for-
ward voltage over temperature will provide a general tem-
perature monitor.
Figure 8. Diode Voltage VD vs Temperature
T(°C) for Different Bias Currents
The diode connected PNP transistor can be pulled up to
VIN with a resistor to set the current to 100µA for using
this diode connected transistor as a general temperature
monitor by monitoring the diode voltage drop with tem-
perature. See Figure 24 for an example.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD 51-12 and are intended for use
with finite element analysis (FEA) software modeling
tools that leverage the outcome of thermal modeling,
simulation, and correlation to hardware evaluation per-
formed on a µModule package mounted to a hardware
test board defined by JESD 51-9 (“Test Boards for Area
Array Surface Mount Package Thermal Measurements”).
The motivation for providing these thermal coefficients is
found in JESD 51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4620 F08
125
ID = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com