Electronic Components Datasheet Search
  English  ▼

X  

LTM4620 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4620
Description  Dual 13A or Single 26A DC/DC μModule Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4620 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4620 Datasheet HTML 20Page - Analog Devices LTM4620 Datasheet HTML 21Page - Analog Devices LTM4620 Datasheet HTML 22Page - Analog Devices LTM4620 Datasheet HTML 23Page - Analog Devices LTM4620 Datasheet HTML 24Page - Analog Devices LTM4620 Datasheet HTML 25Page - Analog Devices LTM4620 Datasheet HTML 26Page - Analog Devices LTM4620 Datasheet HTML 27Page - Analog Devices LTM4620 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTM4620
24
4620fc
For more information www.linear.com/LTM4620
Figure 10 shows a modeled temperature plot of the
LTM4620 with BGA heat sink and 200LFM airflow with
4.7W of internal dissipation.
Figure 11 shows a modeled temperature plot of the
LTM4620 with no heat sink and 200LFM airflow with
4.7W of internal dissipation.
Figure 10. LTM4620 12V to 1.2V at 26A with
200LFM, External Heat Sink
APPLICATIONS INFORMATION
Figure 11. LTM4620 12V to 1.2V at 26A with
200LFM, No External Heat Sink
These plots equate to a paralleled 1.2V at 26A design
operating at 86% efficiency.
Safety Considerations
The LTM4620 modules do not provide isolation from VIN
to VOUT. There is no internal fuse. If required, a slow blow
fuse with a rating twice the maximum input current needs
to be provided to protect each unit from catastrophic
failure.
The fuse or circuit breaker should be selected to limit the
current to the regulator during overvoltage in case of an
internal top MOSFET fault. If the internal top MOSFET fails,
then turning it off will not resolve the overvoltage, thus
the internal bottom MOSFET will turn on indefinitely trying
to protect the load. Under this fault condition, the input
voltage will source very large currents to ground through
the failed internal top MOSFET and enabled internal bot-
tom MOSFET. This can cause excessive heat and board
damage depending on how much power the input voltage
can deliver to this system. A fuse or circuit breaker can
be used as a secondary fault protector in this situation.
The device does support over current protection. A tem-
perature diode is provided for monitoring internal tem-
perature, and can be used to detect the need for thermal
shutdown that can be done by controlling the RUN pin.
Power Derating
The 1.0V and 2.5V power loss curves in Figures 12 and 13
can be used in coordination with the load current derating
curves in Figures 14 to 21 for calculating an approximate
θJA thermal resistance for the LTM4620 with various heat
sinking and airflow conditions. The power loss curves are
taken at room temperature, and are increased with a 1.35
to 1.4 multiplicative factor at 125°C. These factors come
from the fact that the power loss of the regulator increases
about 45% from 25°C to 150°C, thus a 50% spread over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com