Electronic Components Datasheet Search
  English  ▼

X  

LTM4620 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4620
Description  Dual 13A or Single 26A DC/DC μModule Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4620 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4620 Datasheet HTML 3Page - Analog Devices LTM4620 Datasheet HTML 4Page - Analog Devices LTM4620 Datasheet HTML 5Page - Analog Devices LTM4620 Datasheet HTML 6Page - Analog Devices LTM4620 Datasheet HTML 7Page - Analog Devices LTM4620 Datasheet HTML 8Page - Analog Devices LTM4620 Datasheet HTML 9Page - Analog Devices LTM4620 Datasheet HTML 10Page - Analog Devices LTM4620 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTM4620
7
4620fc
For more information www.linear.com/LTM4620
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit and Current
Foldback
Load Regulation vs Current
Short-Circuit Protection
Short-Circuit Protection
Single Phase Single Output
Start-Up
Single Phase Single Output
Start-Up
OUTPUT CURRENT (A)
0
1.6
0.8
1.0
1.2
1.4
1.8
0.6
0.4
0.2
0
4620 G12
25
10
15
20
5
VIN = 12V
VOUT = 1.5V
OUTPUT CURRENT (A)
0
0.8
1.0
0.6
0.4
0.2
0
4620 G13
15
10
5
VIN = 12V
VOUT = 1.5V
50µs/DIV
VOUT
500mV/DIV
IIN
2A/DIV
4620 G14
VIN = 12V
VOUT = 1.5V
IOUT = NO LOAD
50µs/DIV
VOUT
500mV/DIV
IIN
2A/DIV
4620 G15
VIN = 12V
VOUT = 1.5V
IOUT = 13A
2ms/DIV
VOUT
0.5V/DIV
IOUT
1A/DIV
4620 G10
12VIN, 1.5VOUT AT NO LOAD
COUT = 2× 470µF, 4V SANYO POSCAP,
1× 100µF, 6.3V CERAMIC
SOFT-START CAPACITOR = 0.01µF
USE RUN PIN TO CONTROL START-UP
2ms/DIV
VOUT
0.5V/DIV
IOUT
5A/DIV
4620 G11
12VIN, 1.5VOUT AT 10A LOAD
COUT = 2× 470µF, 4V SANYO POSCAP,
1× 100µF, 6.3V X5R CERAMIC
SOFT-START CAPACITOR = 0.01µF
USE RUN PIN TO CONTROL START-UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com