Electronic Components Datasheet Search
  English  ▼

X  

LTM4620 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM4620
Description  Dual 13A or Single 26A DC/DC μModule Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4620 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM4620 Datasheet HTML 16Page - Analog Devices LTM4620 Datasheet HTML 17Page - Analog Devices LTM4620 Datasheet HTML 18Page - Analog Devices LTM4620 Datasheet HTML 19Page - Analog Devices LTM4620 Datasheet HTML 20Page - Analog Devices LTM4620 Datasheet HTML 21Page - Analog Devices LTM4620 Datasheet HTML 22Page - Analog Devices LTM4620 Datasheet HTML 23Page - Analog Devices LTM4620 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
LTM4620
20
4620fc
For more information www.linear.com/LTM4620
APPLICATIONS INFORMATION
and controlled from a single control. See the Typical
Application circuits in Figure 23.
INTVCC and EXTVCC
The LTM4620 module has an internal 5V low dropout
regulator that is derived from the input voltage. This regu-
lator is used to power the control circuitry and the power
MOSFET drivers. This regulator can source up to 70mA,
and typically uses ~30mA for powering the device at the
maximum frequency. This internal 5V supply is enabled
by either RUN1 or RUN2.
EXTVCC allows an external 5V supply to power the
LTM4620 and reduce power dissipation from the internal
low dropout 5V regulator. The power loss savings can be
calculated by:
(VIN – 5V) • 30mA = PLOSS
EXTVCC has a threshold of 4.7V for activation, and a maxi-
mum rating of 6V. When using a 5V input, connect this
5V input to EXTVCC also to maintain a 5V gate drive level.
EXTVCC must sequence on after VIN, and EXTVCC must
sequence off before VIN.
Differential Remote Sense Amplifier
An accurate differential remote sense amplifier is provided
to sense low output voltages accurately at the remote
load points. This is especially true for high current loads.
The amplifier can be used on one of the two channels, or
on a single parallel output. It is very important that the
DIFFP and DIFFN are connected properly at the output,
and DIFFOUT is connected to either VOUTS1 or VOUTS2.
In parallel operation, the DIFFP and DIFFN are connected
properly at the output, and DIFFOUT is connected to
one of the VOUTS pins. Review the parallel schematics in
Figure 24 and review Figure 2.
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combination
is used called a snubber circuit. The resistor will dampen
the resonance and the capacitor is chosen to only affect
the high frequency ringing across the resistor. If the stray
inductance or capacitance can be measured or approxi-
mated then a somewhat analytical technique can be used
to select the snubber values. The inductance is usually
easier to predict. It combines the power path board induc-
tance in combination with the MOSFET interconnect bond
wire inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance Z
can be calculated:
Z(L) = 2πfL,
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by: Z(C) = 1/(2πfC). These values are a good
place to start with. Modification to these components
should be made to attenuate the ringing with the least
amount of power loss.
Temperature Monitoring (TEMP)
A diode connected PNP transistor is used for the TEMP
monitor function by monitoring its voltage over tempera-
ture. The temperature dependence of this diode can be
understood in the equation:
D
= nVTIn
ID
IS
 ,
Where VT is the thermal voltage (kT/q), and n, the ideality
factor is 1 for the two diode connected PNPs being used
in the LTM4620. Since ID has an exponential tempera-
ture dependence that can be understood from the typical
empirical equation for IS:
IS = I0 exp (–VG0/VT),
Where Io is some process and geometry dependent cur-
rent (Io is typically around 20 orders of magnitude larger
than IS at room temperature, so Io is much larger than typ-
ical values of ID), and VG0 is the band gap voltage of 1.2V
extrapolated to absolute zero of –273°C Kelvin. Figure 8
shows a plot of the diode temperature characteristic of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com