Electronic Components Datasheet Search
  English  ▼

X  

LTM4620 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4620
Description  Dual 13A or Single 26A DC/DC μModule Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4620 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4620 Datasheet HTML 9Page - Analog Devices LTM4620 Datasheet HTML 10Page - Analog Devices LTM4620 Datasheet HTML 11Page - Analog Devices LTM4620 Datasheet HTML 12Page - Analog Devices LTM4620 Datasheet HTML 13Page - Analog Devices LTM4620 Datasheet HTML 14Page - Analog Devices LTM4620 Datasheet HTML 15Page - Analog Devices LTM4620 Datasheet HTML 16Page - Analog Devices LTM4620 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
LTM4620
13
4620fc
For more information www.linear.com/LTM4620
APPLICATIONS INFORMATION
Input Capacitors
The LTM4620 module should be connected to a low
AC-impedance DC source. For the regulator input four
22µF input ceramic capacitors are used for RMS ripple
current. A 47µF to 100µF surface mount aluminum elec-
trolytic bulk capacitor can be used for more input bulk
capacitance. This bulk input capacitor is only needed
if the input source impedance is compromised by long
inductive leads, traces or not enough source capacitance.
If low impedance power planes are used, then this bulk
capacitor is not needed.
For a buck converter, the switching duty-cycle can be
estimated as:
D =
VOUT
VIN
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D • 1− D
(
)
In the above equation, η% is the estimated efficiency of
the power module. The bulk capacitor can be a switcher-
rated electrolytic aluminum capacitor, Polymer capacitor.
Output Capacitors
The LTM4620 is designed for low output voltage ripple
noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output volt-
age ripple and transient requirements. COUT can be a low
ESR tantalum capacitor, the low ESR polymer capacitor
or ceramic capacitor. The typical output capacitance range
for each output is from 200µF to 470µF. Additional output
filtering may be required by the system designer, if further
reduction of output ripples or dynamic transient spikes
is required. Table 4 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 7A/µs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to optimize the transient performance. Stability criteria are
considered in the Table 4 matrix, and LTpowerCAD will be
provided for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as a
function of stability and transient response. LTpowerCAD
can calculate the output ripple reduction as the number
of implemented phases increases by N times. A small
value 10Ω to 50Ω resistor can be placed in series from
VOUT to the VOUTS pin to allow for a bode plot analyzer to
inject a signal into the control loop and validate the regula-
tor stability. The same resistor could be placed in series
from VOUT to DIFFP and a bode plot analyzer could inject
a signal into the control loop and validate the regulator
stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com