Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX14713
Description  Compact 6A Smart Power Path Selector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX14713 Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX14713 Datasheet HTML 2Page - Analog Devices MAX14713 Datasheet HTML 3Page - Analog Devices MAX14713 Datasheet HTML 4Page - Analog Devices MAX14713 Datasheet HTML 5Page - Analog Devices MAX14713 Datasheet HTML 6Page - Analog Devices MAX14713 Datasheet HTML 7Page - Analog Devices MAX14713 Datasheet HTML 8Page - Analog Devices MAX14713 Datasheet HTML 9Page - Analog Devices MAX14713 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(CIN1,IN2 = 0.1µF, COUT = 100µF, TA = +25°C, unless otherwise noted.)
0
50
100
150
200
250
300
-40
-15
10
35
60
85
TEMPERATURE (ºC)
IN2-IN1 COMPARATOR RISING THRESHOLD
vs. TEMPERATURE
toc13
VIN1= 3V
VIN1= 4.3V
0.0
0.5
1.0
1.5
2.0
2.5
-40
-15
10
35
60
85
TEMPERATURE (ºC)
NORMALIZED IN2-OUT ON-RESISTANCE
vs. TEMPERATURE
toc10
VIN2 = 1.6V
NORMALIZED TO 4.2V, TA=+25ºC
VIN2 = 3.3V
VIN2 = 4.2V
VIN2 = 5V
ILOAD = 1A
5V/div
5V/div
toc16
40µs/div
VEN1
VIN1
SOFT-START TURN-ON WAVEFORM
VOUT
IIN1
2V/div
1A/div
4.3V
0
50
100
150
200
250
-40
-15
10
35
60
85
TEMPERATURE (ºC)
SOFT START TURN ON TIME
vs. TEMPERATURE
toc11
VIN1= 2.7V
VIN1= 4.2V
5V/div
5V/div
toc17
1µs/div
VEN1
VIN1
SWITCH-OFF WAVEFORM
VOUT
IIN1
2V/div
1A/div
RLOAD = 10Ω
CLOAD = 0F
4.3V
RLOAD = 10Ω
CLOAD = 0F
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
TEMPERATURE (ºC)
SWITCH TURN OFF TIME
vs. TEMPERATURE
RLOAD = 10Ω
CLOAD = 0F
toc12
VIN1= 2.7V
VIN1= 4.2V
5V/div
100mV/div
5V/div
toc18
400µs/div
VIN1
VOUT
SWITCHOVER WAVEFORM
VIN2
4V
4.3V
RLOAD = 10Ω
RLOAD = 10Ω
4V
4.3V
-300
-250
-200
-150
-100
-50
0
-40
-15
10
35
60
85
TEMPERATURE (ºC)
IN2-IN1 COMPARATOR FALLING THRESHOLD
vs. TEMPERATURE
toc14
VIN1= 4.3V
VIN1= 3V
0
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
TEMPERATURE (ºC)
AUTOMATIC SWITCHOVER LATCH OFF TIME
vs. TEMPERATURE
toc15
Maxim Integrated │ 6
www.maximintegrated.com
MAX14713
Compact 6A Smart Power Path Selector
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com