Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX14713
Description  Compact 6A Smart Power Path Selector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX14713 Datasheet(HTML) 3 Page - Analog Devices

  MAX14713 Datasheet HTML 1Page - Analog Devices MAX14713 Datasheet HTML 2Page - Analog Devices MAX14713 Datasheet HTML 3Page - Analog Devices MAX14713 Datasheet HTML 4Page - Analog Devices MAX14713 Datasheet HTML 5Page - Analog Devices MAX14713 Datasheet HTML 6Page - Analog Devices MAX14713 Datasheet HTML 7Page - Analog Devices MAX14713 Datasheet HTML 8Page - Analog Devices MAX14713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (continued)
(VIN1, VIN2 = 1.6V to 5.5V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at VIN1, VIN2 = 4.3V; TA = +25ºC.) (Note 3)
Note 3: All devices are 100% production tested at TA = +25ºC. Specifications over the operating temperature range are guaranteed
by design.
Note 4: All timing is measured using 20% and 80% levels unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE (NOTE 4)
Single-Path Turn-On Time
tON
Time from EN_ low to OUT reaches 90% of
IN_ voltage, no load. (Figure 2)
6.5
µs
Single-Path Turn-Off Time
tOFF
VIN_ = 3V, VEN_ = 0V to 3V, RLOAD = 1kΩ.
Time from EN_ high to OUT reaches 10% of
its initial value. (Figure 2)
8
µs
Automatic Switchover
Enable Time
tASO
VIN1 = 3.8V, VIN2 = 4.3V
VEN1 = 0V, VEN2 = 3V to 0V to OUT
reaches 90% of IN2. (Figure 2)
2
5
µs
Automatic Switchover
Break-Before-Make
tBBM
VIN1 = 3.3V, VIN2 = 3V to 4.3V
VEN1 = 0V, VEN2 = 0V,
OUT = 100mA and no load capacitor.
0
0.4
2
µs
Automatic Switchover
Debounce Time
tASDEB
VIN1 = 3.3V, VIN2 = 4.3V to 3V
VEN1 = 0V, VEN2 = 0V. (Figure 3)
2
µs
Timing Diagrams
Figure 1. Automatic Switch Operation: IN2 Rise
IN1
EN1
EN2
IN2
OUT
OUT
tASDEB
MAX14713
Compact 6A Smart Power Path Selector
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com