Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX14713
Description  Compact 6A Smart Power Path Selector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX14713 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX14713 Datasheet HTML 2Page - Analog Devices MAX14713 Datasheet HTML 3Page - Analog Devices MAX14713 Datasheet HTML 4Page - Analog Devices MAX14713 Datasheet HTML 5Page - Analog Devices MAX14713 Datasheet HTML 6Page - Analog Devices MAX14713 Datasheet HTML 7Page - Analog Devices MAX14713 Datasheet HTML 8Page - Analog Devices MAX14713 Datasheet HTML 9Page - Analog Devices MAX14713 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(CIN1,IN2 = 0.1µF, COUT = 100µF, TA = +25°C, unless otherwise noted.)
100mV/div
5V/div
5V/div
toc19
20ms/div
VIN1
VOUT
SWITCHOVER WAVEFORM
VIN2
4V
4.3V
RLOAD = 10Ω
RLOAD = 10Ω
4.3V
4V
5V/div
5V/div
5V/div
toc20
20ms/div
VOUT
VIN1
LATCHOFF WAVEFORM
VIN2
4V
4.3V
RLOAD = 10Ω
RLOAD = 10Ω
5V/div
5V/div
toc21
40µs/div
VIN1
VOUT
SIMULTANEOUS STARTUP
VIN2
5V/div
RLOAD = 10Ω
IIN2
1A/div
IIN1
1A/div
IN1 AND IN2 FROM SAME SOURCE
RLOAD = 10Ω
BUMP
NAME
FUNCTION
A1
EN1
Active-Low Enable Input for IN1, Switch 1
A2, A3, A4, B3
OUT
Common Switch Output
A5
EN2
Active-Low Enable Input for IN2, Switch 2
B1, B2, C1, C2
IN1
Power Input 1
B4, B5, C4, C5
IN2
Power Input 2
C3
GND
Ground
TOP VIEW (BUMPS ON BOTTOM)
EN1
IN1
IN1
OUT
OUT
OUT
IN1
IN1
OUT
GND
IN2
IN2
MAX14713
1
2
3
4
A
B
C
EN2
IN2
IN2
5
+
MAX14713
Compact 6A Smart Power Path Selector
www.maximintegrated.com
Maxim Integrated │ 7
Typical Operating Characteristics (continued)
Bump Configuration
Bump Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com