Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX14713
Description  Compact 6A Smart Power Path Selector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX14713 Datasheet(HTML) 2 Page - Analog Devices

  MAX14713 Datasheet HTML 1Page - Analog Devices MAX14713 Datasheet HTML 2Page - Analog Devices MAX14713 Datasheet HTML 3Page - Analog Devices MAX14713 Datasheet HTML 4Page - Analog Devices MAX14713 Datasheet HTML 5Page - Analog Devices MAX14713 Datasheet HTML 6Page - Analog Devices MAX14713 Datasheet HTML 7Page - Analog Devices MAX14713 Datasheet HTML 8Page - Analog Devices MAX14713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
All voltages referenced to GND
IN1, IN2 ...................................................................-0.3V to +6V
OUT.........................................................................-0.3V to +6V
EN1, EN2 ................................................................-0.3V to +6V
Current into IN1, IN2
DC Operating (Note 1) ........................................................6A
Pulse Rating (10ms)............................................................9A
Continuous Power Dissipation (TA = +70ºC)
WLP (derate 16.4mW/°C above +70°C)....................1312mW
Operating Temperature Range............................-40ºC to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range.............................-65ºC to +150°C
Soldering Temperature (reflow).......................................+260°C
WLP
Junction-to-Ambient Thermal Resistance (θJA) ..........52°C/W
(Note 2)
Electrical Characteristics
(VIN1, VIN2 = 1.6V to 5.5V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at VIN1, VIN2 = 4.3V; TA = +25ºC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY OPERATION
Operating Voltage
VIN1
VIN2
1.6
5.5
V
Shutdown Current
ISHDN
EN1 = high and EN2 = high
5.75
µA
Quiescent Current
IIN1 IIN2
EN1 or EN2 = low, ILOAD = 0mA
2.5
7.5
µA
INTERNAL FET
RON (IN1 or IN2 to OUT)
RON
VIN_ = 4.3V, IOUT = 1A, TA = +25ºC
11
15
mΩ
Soft-Start Trigger Voltage
|VIN -
VOUT|
0.95
V
Soft-Start Time
tSS
1
5
10
ms
Soft-Start Output dV/dt Limit
ILIM_SS
CLOAD = 100µF
15
mV/µs
IN1 - IN2 Comparator Rising
Threshold
VTHR_IN
VIN1 = 4.3V, VIN2 = 4.0V, OUT is initially
connected to IN1, VIN2 rises until OUT
connects to IN2
200
mV
IN1 - IN2 Comparator Falling
Threshold
VVTHF_IN
VIN1 = 4.3V, VIN2 = 4.6V, OUT is initially
connected to IN2, VIN2 falls until OUT
connects to IN1
-200
mV
LOGIC INPUT (EN1, EN2)
EN1, EN2 Input Logic High
VIH
1.4
V
EN1, EN2 Input Logic Low
VIL
0.4
V
EN1, EN2 Input Leakage
Current
ILEAK
VEN_ = 0V, 5.5V
-1
1
µA
MAX14713
Compact 6A Smart Power Path Selector
www.maximintegrated.com
Maxim Integrated │ 2
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Note 1: DC current is limited by thermal design of the system.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com