Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX14713
Description  Compact 6A Smart Power Path Selector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX14713 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX14713 Datasheet HTML 2Page - Analog Devices MAX14713 Datasheet HTML 3Page - Analog Devices MAX14713 Datasheet HTML 4Page - Analog Devices MAX14713 Datasheet HTML 5Page - Analog Devices MAX14713 Datasheet HTML 6Page - Analog Devices MAX14713 Datasheet HTML 7Page - Analog Devices MAX14713 Datasheet HTML 8Page - Analog Devices MAX14713 Datasheet HTML 9Page - Analog Devices MAX14713 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Detailed Description
The MAX14713 compact 6A smart power path selector
device features a low, 11mΩ (typ) RON internal FET and
provides the system power from two separate power
sources. The device has two switches in SPDT configura-
tion, with a bidirectional current-blocking capability when
the switch is turned off.
The MAX14713 features two individual enable inputs to
control each power path. Each enable input controls the
corresponding path as an independent switch. However,
when both paths are enabled, the internal comparator
controls the path based on voltage at input nodes to auto-
select the higher voltage input.
Enable Inputs
EN1 and EN2 active low enable inputs control the two
switches position. (Table 1)
Soft-Start
When a switch is enabled, and if the voltage difference
between IN_ and OUT is greater than 0.95V (typ), the
device performs soft-start for 5ms (typ) to prevent high
inrush current. During soft-start, the output dV/dt is limited
to 15mV/µs (typ). The soft-start feature is bidirectional for
either IN_ or OUT supply.
Auto-Selection
When both EN1 and EN2 are low, the device is in auto-
selection mode and the switch with higher voltage on
input is turned on. A difference of VTHR_IN (200mV, typ)
between IN1 and IN2 is required in order to switch to the
higher supply voltage.
Once the device selects the switch, the switch is on for at
least tLOFF (85ms, typ). During this automatic switchover
latchoff time, the device will not change its decision, even
if the selected supply drops to 0V. If frequency jittering
is expected from the power source, manual selection is
recommended once the power source is stabilized. If
faster auto-selection latchoff is preferred, please contact
the factory for a shorter latchoff option.
In case voltages on IN1 and IN2 are about the same, and
EN1 and EN2 both go from high to low, the device selects
IN2 as the supply source. After this initial choice, normal
auto-selection resumes.
Bidirectional Current-Blocking
The bidirectional FET switch prevents current flowing
from either side when the switch is off.
Table 1. Enable Control
EN1
EN2
SWITCH STATUS
0
0
Auto-Selection: Switch 1 or Switch 2 On*
1
0
Switch 2 On, Switch 1 Off
0
1
Switch 1 On, Switch 2 Off
1
1
Switch 1 and Switch 2 Both Off
*When voltages on IN1 and IN2 are about the same, the
device selects IN2 as the supply source. Please refer to Auto-
Selection for details.
MAX14713
Compact 6A Smart Power Path Selector
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com