Electronic Components Datasheet Search
  English  ▼

X  

MAX14713 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX14713
Description  Compact 6A Smart Power Path Selector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX14713 Datasheet(HTML) 1 Page - Analog Devices

  MAX14713 Datasheet HTML 1Page - Analog Devices MAX14713 Datasheet HTML 2Page - Analog Devices MAX14713 Datasheet HTML 3Page - Analog Devices MAX14713 Datasheet HTML 4Page - Analog Devices MAX14713 Datasheet HTML 5Page - Analog Devices MAX14713 Datasheet HTML 6Page - Analog Devices MAX14713 Datasheet HTML 7Page - Analog Devices MAX14713 Datasheet HTML 8Page - Analog Devices MAX14713 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX14713 compact 6A smart power path selector
features a low, 11mΩ (typ) RON internal FET and provides
the system power from two separate power sources. The
device has two switches in SPDT configuration, with bidi-
rectional current-blocking capability when the switch is off.
The MAX14713 features two individual enable inputs to
control each power path. Each enable input controls the
corresponding path as an independent switch. However,
when both paths are enabled, the internal comparator
controls the path based on the voltage at input nodes.
The device also features an ultra-low supply current, in
the operating or off states, for longer battery life.
The device is available in a 15-bump (1.2mm x 2.0mm)
wafer-level package (WLP) and operates over the -40ºC
to +85ºC extended temperature range.
Applications
● Smart Phones
● Tablet PCs
● E-Readers
● Wearables
Features and Benefits
● Provides Robust Bidirectional Power Path
• Wide Operating Input Voltage: +1.6V to +5.5V
• 6A Continuous Current Capability
• Integrated Two 11mΩ (typ) MOSFET Switches
● Simple Power-Switch Design
• Individual Path Control
• Automatic Power Path Control
• Automatic Soft-Start
• Powered by IN1, IN2, or OUT
● Long Battery Life
• Ultra-Low Quiescent Supply Current 2.5µA (typ)
• Fast Switchover
• Optimum Soft-Start Feature
● Space-Saving Package
• 15-Bump 1.2mm x 2.0mm WLP Package
Ordering Information appears at end of data sheet.
19-6967; Rev 0; 9/14
CONTROL
AP
OR
PMIC
SYSTEM
LOAD
TA
MAX14713
CHARGER
BATTERY 1
BATTERY 2
OUT
IN2
IN1
EN1
EN2
GND
Typical Application Circuit
MAX14713
Compact 6A Smart Power Path Selector
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14713 MAXIM-MAX14713 Datasheet
532Kb / 7P
3V DC power supply
Rev 1; 8/17
MAX14713EVKIT MAXIM-MAX14713EVKIT Datasheet
532Kb / 7P
3V DC power supply
Rev 1; 8/17
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14713EWL+ MAXIM-MAX14713EWL+ Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
More results

Similar Description - MAX14713

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ998 ETC-OZ998 Datasheet
50Kb / 7P
Intelligent Manager Smart Multi-DIMM Selector
logo
Maxim Integrated Produc...
MAX8677A MAXIM-MAX8677A Datasheet
356Kb / 21P
1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 1; 1/07
MAX77301 MAXIM-MAX77301 Datasheet
638Kb / 1P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
Power-Path Management
logo
ON Semiconductor
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
logo
Maxim Integrated Produc...
MAX14713EWL MAXIM-MAX14713EWL Datasheet
737Kb / 10P
Compact 6A Smart Power Path Selector
Rev 0; 9/14
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
USB Detection with Smart Power Selector Li Chargers
2017
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com