Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 3 Page - Analog Devices

Part # MAX38902A
Description  12μVRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38902A Datasheet(HTML) 3 Page - Analog Devices

  MAX38902A Datasheet HTML 1Page - Analog Devices MAX38902A Datasheet HTML 2Page - Analog Devices MAX38902A Datasheet HTML 3Page - Analog Devices MAX38902A Datasheet HTML 4Page - Analog Devices MAX38902A Datasheet HTML 5Page - Analog Devices MAX38902A Datasheet HTML 6Page - Analog Devices MAX38902A Datasheet HTML 7Page - Analog Devices MAX38902A Datasheet HTML 8Page - Analog Devices MAX38902A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IN, EN, POK, SELA, SELB, GS, OUTS,
FB, BYP to GND..................................................-0.3V to +6V
OUT to GND...................................................-0.3V to IN + 0.3V
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C)
WLP (derate 10.5mW/°C above 70°C)........................840mW
TDFN (derate 9.8mW/°C above 70°C)............................784mW
Operating Temperature Range......................... -40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (Soldering, 10 seconds)....................+300°C
Soldering Temperature (reflow).......................................+260°C
TDFN
PACKAGE CODE
T822+3C
Outline Number
21-0168
Land Pattern Number
90-0065
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
130°C/W
Junction to Case (θJC)
8°C/W
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
102°C/W
Junction to Case (θJC)
8°C/W
WLP
PACKAGE CODE
N60G1+1
Outline Number
21-100183
Land Pattern Number
Refer to
Application Note 1891
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
95.1°C/W
Junction to Case (θJC)
N/A
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Information
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
www.maximintegrated.com
Maxim Integrated │ 3
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com