Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 6 Page - Analog Devices

Part # MAX38902A
Description  12μVRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38902A Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX38902A Datasheet HTML 2Page - Analog Devices MAX38902A Datasheet HTML 3Page - Analog Devices MAX38902A Datasheet HTML 4Page - Analog Devices MAX38902A Datasheet HTML 5Page - Analog Devices MAX38902A Datasheet HTML 6Page - Analog Devices MAX38902A Datasheet HTML 7Page - Analog Devices MAX38902A Datasheet HTML 8Page - Analog Devices MAX38902A Datasheet HTML 9Page - Analog Devices MAX38902A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(MAX38902A, VIN = 3.6V, VOUT = 2.5V, TA = 25°C, CIN = 4.7µF , COUT = 4.7µF, unless otherwise noted.)
Typical Operating Characteristics
150
200
250
300
350
400
450
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
QUIESCENT CURRENT
EN = HIGH, NO LOAD
toc01
50mV/div
(AC-COUPLED)
100mA/div
toc04
100ms/div
VOUT
LOAD TRANSIENT RESPONSE
50mA TO 500mA TO 50mA
IOUT
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
500
IOUT (mA)
DROPOUT VOLTAGE vs. LOAD CURRENT
toc07
INPUT = 3.6V,
OUTPUT TARGET = 4.0V.
THE SLOPE OF THE LINE
INDICATES A 100m
Ω
ON-RESISTANCE IN DROPOUT
2.491
2.492
2.493
2.494
2.495
2.496
2.497
2.498
2.499
2.500
2.501
0
100
200
300
400
500
LOAD CURRENT (mA)
LOAD REGULATION
toc02
2.8V INPUT
1V/div
2mV/div
(AC COUPLED)
toc05
VOUTN
VINSIDE
VBACKUP
LINE TRANSIENT RESPONSE
10μ s/div
VOUT
VIN
2.5V OUTPUT
5
Ω LOAD
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR vs. FREQUENCY
toc08
VIN = 3.7V, VOUT = 3.3V, IOUT = 400mA
CBYP =100nF , CIN = COUT = 3 x 4.7µF
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
LINE REGULATION
toc03
200mA LOAD
500mV/div
200mA/div
toc06
100
μs/div
VOUT
STARTUP WAVEFORM
5Ω LOAD
CBYP = 0.01µF
IOUT
2V/div
VEN
10E-9
100E-9
1E-6
10E-6
10
100
1k
10k
100k
FREQUENCY (Hz)
OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY
toc09
VIN = 3.7V, VOUT = 3.3V, IOUT = 400mA
CBYP =100nF , CIN = COUT = 3 x 4.7µF
Maxim Integrated │ 6
www.maximintegrated.com
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com