Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 10 Page - Analog Devices

Part # MAX38902A
Description  12μVRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38902A Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX38902A Datasheet HTML 4Page - Analog Devices MAX38902A Datasheet HTML 5Page - Analog Devices MAX38902A Datasheet HTML 6Page - Analog Devices MAX38902A Datasheet HTML 7Page - Analog Devices MAX38902A Datasheet HTML 8Page - Analog Devices MAX38902A Datasheet HTML 9Page - Analog Devices MAX38902A Datasheet HTML 10Page - Analog Devices MAX38902A Datasheet HTML 11Page - Analog Devices MAX38902A Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Detailed Description
The MAX38902A/B/C/D low noise linear regulators deliver
up to 500mA of output current with only 12µVRMS of output
noise in a 10Hz to100kHz bandwidth. These regulators
maintain their output voltage over a wide input range, requir-
ing only 100mV of input-to-output headroom at full load.
The MAX38902 maintains a low 365µA typical supply
current, independent of the load current and drop-out
voltage. The regulator control circuitry includes a pro-
grammable soft-start circuit, short-circuit, reverse input
current, and thermal overload protection. Other features
include an enable input and power-okay (POK) output
(MAX38902B only). See Functional Diagram.
Enable (EN)
The MAX38902A/MAX38902B/MAX38902C/MAX38902D
include an enable input (EN). Pull EN low to shut down
the output, or drive EN high to enable the output. If a sep-
arate shutdown signal is not available, connect EN to IN.
Bypass (BYP)
The capacitor connected from BYP to OUT filters the
noise of the reference, feedback resistors and regulator
input stage, and provides a high-speed feedback path for
improved transient response. A 0.01µF capacitor rolls-off
input noise at around 32Hz.
The slew rate of the output voltage during startup is also
determined by the BYP capacitor. A 0.01µF capacitor sets
the slew rate to 5V/ms. This startup rate results in a 50mA
slew current drawn from the input at start-up to charge the
10µF output capacitance.
The BYP capacitor value can be adjusted from 0.001µF
to 0.1µF to change the startup slew rate according to the
following formula:
Startup Slew Rate = (5V ms) (0.01 F/CBYP)
×µ
where CBYP is in µF.
Note that this slew rate applies only at startup.That recovery
from a short-circuit will occur at a slew rate approximately
500 times slower.
Also note that, being a low-frequency filter node, BYP is
sensitive to leakage. BYP leakage currents above 10nA
cause measurable inaccuracy at the output and should
be avoided.
Protection Features
The MAX38902A/B/C/D are fully protected from an output
short-circuit by a current-limiting and thermal overload
circuit. If the output is shorted to GND, the output current
is limited to 700mA (typ). Under these conditions, the part
quickly heats up. When the junction temperature reaches
165°C, a thermal limit circuit shuts off the output device.
When the junction cools to 150°C, the output turns back
on in an attempt to reestablish regulation. While the fault
persists, the output current cycles on and off, as the junc-
tion temperature slews between 150°C and 165°C.
The MAX38902A/B/C/D are also protected against reverse
current when the output voltage is higher than the input.
In the event that extra output capacitance is used at the
output, a power-down transient at the input would normally
cause a large reverse current through a conventional
regulator. The MAX38902A/B/C/D include a reverse volt-
age detector that trips when IN drops 10mV below OUT,
shutting off the regulator and opening the PMOS body
diode connection, preventing any reverse current.
Output Voltage Configuration (MAX38902A)
The MAX38902A output can be set to one of nine voltages
by shorting or opening the SELA and SELB inputs, as
shown in Table 1. SELA and SELB should be connected
to GND, IN, or left unconnected. Alternatively, they may
be driven high, low, or open with external logic. However,
the states of SELA and SELB are sampled only at startup.
The regulation voltage can be set to a different level by
cycling EN or IN momentarily to GND.
VOUT (V)
SELA STATE
SELB STATE
1.2
Unconnected
IN
1.5
IN
Unconnected
1.8
Unconnected
GND
2.5
Unconnected
Unconnected
3.0
GND
GND
3.1
GND
IN
3.3
GND
Unconnected
4.0
IN
GND
5.0
IN
IN
Table 1. MAX38902A Output Configuration
www.maximintegrated.com
Maxim Integrated │ 10
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com