Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 4 Page - Analog Devices

Part # MAX38902A
Description  12μVRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38902A Datasheet(HTML) 4 Page - Analog Devices

  MAX38902A Datasheet HTML 1Page - Analog Devices MAX38902A Datasheet HTML 2Page - Analog Devices MAX38902A Datasheet HTML 3Page - Analog Devices MAX38902A Datasheet HTML 4Page - Analog Devices MAX38902A Datasheet HTML 5Page - Analog Devices MAX38902A Datasheet HTML 6Page - Analog Devices MAX38902A Datasheet HTML 7Page - Analog Devices MAX38902A Datasheet HTML 8Page - Analog Devices MAX38902A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VIN = 3.6V, TJ = -40°C to +125°C, CBYP = 10nF, CIN = 4.7µF, COUT = 4.7µF, Typical Operating Circuits. Typical values are at TJ = +25°C,
unless otherwise specified. (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Guaranteed by Output Accuracy
1.7
5.5
V
Input Undervoltage Lockout
VIN_UVLO
VIN rising, 100mV hysteresis
1.5
1.6
1.7
V
Output Voltage Range
VOUT
VIN > VOUT + 0.1V
0.6
5.3
V
Output Capacitance
COUT
For stability and proper operation
2
4.7
µF
Supply Current
IQ
IOUT = 0mA
365
600
µA
ISHUTDOWN VEN = 0V
TJ = +25°C
0.01
0.1
TJ = +125°C
700
nA
Output Accuracy
(MAX38902A/D Only)
ACC38902A/D
IOUT from 0.1mA to 500mA, VIN from
VOUT + 0.3V to 5.5V, VIN > 1.7V
-1
+1
%
Output Accuracy
(MAX38902B/C Only)
ACC38902B/C
IOUT from 0.1mA to 500mA, VIN from
VOUT + 0.3V to 5.5V, VIN > 1.7V
0.594
0.6
0.606
V
Load Regulation
IOUT from 0.1mA to 500mA,
VIN = VOUT + 300mV , VOUT = 2.5V
0.07
%
Load Transient
IOUT = 50mA to 500mA to 50mA,
tRISE = tFALL = 1µs
50
mV
Line Regulation
VIN from VOUT + 0.3V to 5.5V,
VIN > 1.7V, IOUT = 200mA
0.06
%
Line Transient
VIN = 4V to 5V to 4V, IOUT = 500mA,
tRISE = tFALL = 5µs
3
mV
Dropout Voltage (Note 2)
IOUT = 500mA
VIN = 3.6V
26
100
mV
VIN = 2.5V
36
200
VIN = 1.7V
63
300
Current Limit
VOUTS/FB = 0V, VIN
- VOUT = 500mV
VIN = 1.7V
600
700
800
mA
VIN = 3.6V
600
700
800
Output Noise
IOUT = 100mA,
10Hz to 100kHz
CBYP = 47nF
12
µVRMS
Power Supply Rejection
Ratio
PSRR
IOUT = 100mA
f = 1kHz
70
dB
f = 10kHz
70
f = 100kHz
60
f = 1MHz
40
BYP Capacitor Range
CBYP
Regulator remains stable
0.001
0.1
µF
BYP Soft-Start Current
From BYP to GND during startup
50
µA
EN Input Threshold
VIN from 1.7V
to 5.5V
EN rising
0.8
1.2
V
EN falling
0.4
0.7
EN Input Leakage Current
VEN from 1.7V
to 5.5V
TJ = +25°C
-1
+0.001
+1
µA
TJ = +125°C
0.01
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 4
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com