Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 5 Page - Analog Devices

Part # MAX38902A
Description  12μVRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38902A Datasheet(HTML) 5 Page - Analog Devices

  MAX38902A Datasheet HTML 1Page - Analog Devices MAX38902A Datasheet HTML 2Page - Analog Devices MAX38902A Datasheet HTML 3Page - Analog Devices MAX38902A Datasheet HTML 4Page - Analog Devices MAX38902A Datasheet HTML 5Page - Analog Devices MAX38902A Datasheet HTML 6Page - Analog Devices MAX38902A Datasheet HTML 7Page - Analog Devices MAX38902A Datasheet HTML 8Page - Analog Devices MAX38902A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
(VIN = 3.6V, TJ = -40°C to +125°C, CBYP = 10nF, CIN = 4.7µF, COUT = 4.7µF, Typical Operating Circuits. Typical values are at TJ = +25°C,
unless otherwise specified. (Note 1)
Note 1: Limits over the specified operating temperature and supply voltage range are guaranteed by design and characterization,
and production tested at TJ = 25ºC only.
Note 2: Dropout voltage is defined as (VIN - VOUT), when VOUT is 5% lower than the value of VOUT when VIN = VOUT + 0.5V.
Note 3: LED full-scale current maximum value is subjected to string number, LED number per string, and LX current limit. In SMBus
modes, if the total load is heavier than eight strings with ten WLEDs per string at 25mA LED current, upon step-up regulator
input VS removal, an OC fault may occur, resulting in SMBus status register OV_CURR and FAULT bits being set to 1 and
violating SMBus specifications.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POK Threshold
(MAX38902B Only)
VOUT when
POK switches
VOUT rising
88
91
94
%
VOUT falling
88
POK Voltage, Low
(MAX38902B Only)
IPOK = 1mA
10
100
mV
POK Leakage Current
(MAX38902B Only)
VPOK = 5.5V
TJ = +25°C
-0.1
+0.001
+0.1
µA
TJ = +125°C
0.01
SELA/B Input Resistance
(MAX38902A Only)
When shorted to GND or IN.
500
Ω
When Hi-Z
1
MΩ
SELA/B Input Capacitance
(MAX38902A Only)
When Hi-Z
10
pF
Input Reverse Current
Threshold
VOUT = 3.6V, when VIN falls to 0V
200
mA
Thermal Shutdown
Threshold
TJ when output
turns on/off
TJ rising
165
°C
TJ falling
150
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 5
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com