Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 11 Page - Analog Devices

Part # MAX38902A
Description  12μVRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX38902A Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX38902A Datasheet HTML 4Page - Analog Devices MAX38902A Datasheet HTML 5Page - Analog Devices MAX38902A Datasheet HTML 6Page - Analog Devices MAX38902A Datasheet HTML 7Page - Analog Devices MAX38902A Datasheet HTML 8Page - Analog Devices MAX38902A Datasheet HTML 9Page - Analog Devices MAX38902A Datasheet HTML 10Page - Analog Devices MAX38902A Datasheet HTML 11Page - Analog Devices MAX38902A Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Output Voltage Configuration (MAX38902B/C)
The MAX38902B and MAX38902C use external feed-
back resistors to set the output regulation voltage as
shown in Typical Operating Circuits. The output can be
set from 0.6V to 5.3V. Set the lower feedback resistor R2
to 300kΩ or less to minimize FB input bias current error.
Then calculate the value of the upper feedback resistor
R3 as follows:
OUT
FB
V
R3 = R2
- 1
V

× 

where VFB is the feedback regulation voltage of 0.6V. To
set the output voltage to 2.5V, for example, R3 should be:
2.5V
R3 = 300k
- 1 950k
0.6V

Ω×
=
Ω


Output Voltage Configuration (MAX38902D)
The MAX38902D output voltage comes pre-programmed
to values listed below. Additionally, any voltage between
0.7V and 5.3V in 50mV steps can be factory trimmed, and
special ordered.
Power-OK (MAX38902B)
The MAX38902B includes an additional open-drain out-
put, POK, that goes low to indicate the output voltage is
in regulation. Connect a pullup resistor from this pin to an
external supply. During startup, POK stays high until the
output voltage rises to 91%(typ) of its regulation level. If
an overload occurs at the output, or the output is shut-
down, POK goes high.
Input Capacitor
A 4.7µF ceramic capacitor is recommended for the input.
Select a capacitor that maintains its capacitance over
temperature and DC bias. Capacitors with X5R or X7R
temperature characteristics generally perform well.
Output Capacitor
A minimum of 2µF capacitance is required at OUT to
ensure stability. Select a ceramic capacitor that main-
tains its capacitance (2µF minimum) over temperature
and DC bias. Capacitors with X5R or X7R temperature
characteristics generally perform well. For example, the
ceramic capacitor part number GRM155R60J475ME47
from Murata (4.7µF/6.3V/X5R ) derates to around 2.9µF
with 1.8V dc bias.
Thermal Considerations
The MAX38902A/B is packaged in an 8-pin 2mm x 2mm
TDFN package with an exposed paddle. The exposed
paddle is the main path for heat to leave the IC, and there-
fore must be connected to a ground plane with thermal
vias to allow heat to dissipate from the device. Thermal
properties of the IC package are given in the Package
Information section.
Table 2. MAX38902D Output Voltage
PART NUMBER
VOUT
MAX38902D-07
0.7V
MAX38902D-08
0.8V
MAX38902D-10
1.0V
MAX38902D-12
1.2V
MAX38902D-15
1.5V
MAX38902D-18
1.8V
MAX38902D-20
2.0V
MAX38902D-25
2.5V
MAX38902D-27
2.7V
MAX38902D-30
3.0V
MAX38902D-33
3.3V
MAX38902D-46
4.6V
MAX38902D-50
5.0V
PART NUMBER
TEMPERATURE RANGE
PIN-PACKAGE
OUTPUT VOLTAGE SETTING
MAX38902AATA+
-40°C to +125°C
8 TDFN
Pin-Selectable Output Voltage
MAX38902BATA+
-40°C to +125°C
8 TDFN
External Resistor Feedback with POK output
MAX38902CANT+*
-40°C to +125°C
6 WLP
External Resistor Feedback
MAX38902DANT+*
-40°C to +125°C
6 WLP
Factory-trimmed option from 0.7V to 5.3V
*Future product—Contact factory for availability.
+Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
www.maximintegrated.com
Maxim Integrated │ 11
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com