Electronic Components Datasheet Search
  English  ▼

X  

LTC4252-2CMSTR Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4252-2CMSTR
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMSTR Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4252-2CMSTR Datasheet HTML 17Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 18Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 19Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 20Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 21Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 22Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 23Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 24Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
21
425212fb
APPLICATIO S I FOR ATIO
Figure 7. Recommended Compensation
Capacitor CC vs MOSFET CISS
MOSFET CISS (pF)
0
60
50
40
30
20
10
0
2000
4000
4252-1/2 F07
6000
8000
NTY100N10
IRF3710
IRF540S
IRF530S
IRF740
Figure 8. Making PCB Connections to the Sense Resistor
W
CURRENT FLOW
FROM LOAD
CURRENT FLOW
TO –48V BACKPLANE
SENSE RESISTOR
TRACK WIDTH W:
0.03" PER AMP
ON 1 OZ COPPER
TO
SENSE
TO
VEE
4252-1/2 F08
As seen in Figure 6 previously, at the onset of a short-
circuit event, the input supply voltage can ring dramati-
cally owing to series inductance. If this voltage avalanches
the MOSFET, current continues to flow through the MOSFET
to the output. The analog current limit loop cannot control
this current flow and therefore the loop undershoots. This
effect cannot be eliminated by frequency compensation. A
zener diode is required to clamp the input supply voltage
and prevent MOSFET avalanche.
SENSE RESISTOR CONSIDERATIONS
For proper circuit breaker operation, Kelvin-sense PCB
connections between the sense resistor and the LTC4252’s
VEE and SENSE pins are strongly recommended. The
drawing in Figure 8 illustrates the correct way of making
connections between the LTC4252 and the sense resistor.
PCB layout should be balanced and symmetrical to mini-
mize wiring errors. In addition, the PCB layout for the
sense resistor should include good thermal management
techniques for optimal sense resistor power dissipation.
TIMING WAVEFORMS
System Power-Up
Figure 9 details the timing waveforms for a typical power-
up sequence in the case where a board is already installed
in the backplane and system power is applied abruptly. At
time point 1, the supply ramps up, together with UV/OV,
VOUT and DRAIN. VIN and PWRGD follow at a slower rate
as set by the VIN bypass capacitor. At time point 2, VIN
exceeds VLKO and the internal logic checks for UV > VUVHI,
OV < VOVLO, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS
and TIMER < VTMRL. If all conditions are met, an initial
timing cycle starts and the TIMER capacitor is charged by
a 5.8
µA current source pull-up. At time point 3, TIMER
reaches the VTMRH threshold and the initial timing cycle
terminates. The TIMER capacitor is quickly discharged. At
time point 4, the VTMRL threshold is reached and the
conditions of GATE < VGATEL, SENSE < VCB and
SS<20•VOS must be satisfied before a GATE ramp-up
cycle begins. SS ramps up as dictated by RSS • CSS (as in
Equation 6); GATE is held low by the analog current limit
(ACL) amplifier until SS crosses 20 • VOS. Upon releasing
GATE, 58
µA sources into the external MOSFET gate and
compensation network. When the GATE voltage reaches
the MOSFET’s threshold, current begins flowing into the
load capacitor at time point 5. At time point 6, load current
reaches the SS control level and the analog current limit
loop activates. Between time points 6 and 8, the GATE
voltage is servoed, the SENSE voltage is regulated at
VACL(t) (Equation 7) and soft-start limits the slew rate of
the load current. If the SENSE voltage (VSENSE – VEE)
reaches the VCB threshold at time point 7, the circuit
breaker TIMER activates. The TIMER capacitor, CT, is
charged by a (230
µA+8•IDRN)currentpull-up.Astheload
capacitor nears full charge, load current begins to decline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com