Electronic Components Datasheet Search
  English  ▼

X  

LTC4252-2CMSTR Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4252-2CMSTR
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMSTR Datasheet(HTML) 5 Page - Linear Technology

  LTC4252-2CMSTR Datasheet HTML 1Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 2Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 3Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 4Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 5Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 6Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 7Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 8Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
5
425212fb
TYPICAL PERFOR A CE CHARACTERISTICS
IIN vs Temperature
rZ vs Temperature
VZ vs Temperature
Undervoltage Lockout VLKO
vs Temperature
Undervoltage Lockout Hysteresis
VLKH vs Temperature
Circuit Breaker Current Limit
Voltage VCB vs Temperature
Analog Current Limit Voltage
VACL vs Temperature
Fast Current Limit Voltage VFCL
vs Temperature
TEMPERATURE (
°C)
–55
2000
1800
1600
1400
1200
1000
800
600
400
200
0
–15
25
45
125
4252-1/2 G01
–35
5
65
85 105
VIN = (VZ – 0.3V)
VIN (V)
0
2
4
6
8
10 12 14 16 18 20 22
1000
100
10
1
0.1
4252-1/2 G02
TA = –40°C
TA = 125°C
TA = 85°C
TA = 25°C
TEMPERATURE (
°C)
–55
10
9
8
7
6
5
4
3
2
–15
25
45
125
4252-1/2 G03
–35
5
65
85 105
IIN = 2mA
TEMPERATURE (
°C)
–55
14.5
14.0
13.5
13.0
12.5
12.0
–15
25
45
125
4252-1/2 G04
–35
5
65
85 105
IIN = 2mA
TEMPERATURE (
°C)
–55
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
–15
25
45
125
4252-1/2 G05
–35
5
65
85 105
TEMPERATURE (
°C)
–55
0.5
0.7
1.1
1.3
1.5
–15
25
45
125
4252-1/2 G06
0.9
–35
5
65
95 105
TEMPERATURE (
°C)
–55
60
58
56
54
52
50
48
46
44
42
40
–15
25
45
125
4252-1/2 G07
–35
5
65
85 105
TEMPERATURE (
°C)
–55
120
115
110
105
100
95
90
85
80
–15
25
45
125
4252-1/2 G08
–35
5
65
85 105
TEMPERATURE (
°C)
–55
300
275
250
225
200
175
150
–15
25
45
125
4252-1/2 G09
–35
5
65
85 105
IIN vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com