Electronic Components Datasheet Search
  English  ▼

X  

LTC4252-2CMSTR Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4252-2CMSTR
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMSTR Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4252-2CMSTR Datasheet HTML 20Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 21Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 22Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 23Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 24Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 25Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 26Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 27Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
24
425212fb
APPLICATIO S I FOR ATIO
Undervoltage Timing
In Figure 11 when UV pin drops below VUVLO(time point 1),
the LTC4252 shuts down with TIMER, SS and GATE all
pulling low. If current has been flowing, the SENSE pin
voltage decreases to zero as GATE collapses. When UV
recovers and clears VUVHI (time point 2), an initial timer
cycle begins followed by a GATE start-up cycle.
VIN Undervoltage Lockout Timing
The VIN undervoltage lockout comparator, UVLO, has a
similar timing behavior as the UV pin timing except it looks
for VIN < (VLKO – VLKH) to shut down and VIN > VLKO to
start. In an undervoltage lockout condition, both UV and
OV comparators are held off. When VIN exits undervoltage
lockout, the UV and OV comparators are enabled.
Undervoltage Timing with Overvoltage Glitch
In Figure 12, both UV and OV pins are connected together.
When UV clears VUVHI (time point 1), an initial timing cycle
starts. If the system bus voltage overshoots VOVHI as
shown at time point 2, TIMER discharges. At time point 3,
the supply voltage recovers and drops below the VOVLO
threshold. The initial timing cycle restarts, followed by a
GATE start-up cycle.
Overvoltage Timing
During normal operation, if the OV pin exceeds VOVHI as
shown at time point 1 of Figure 13, the TIMER and PWRGD
status are unaffected. Nevertheless, SS and GATE pull
down and the load is disconnected. At time point 2, OV
recovers and drops below the VOVLO threshold. A GATE
start-up cycle begins. If the overvoltage glitch is long
enough to deplete the load capacitor, a full start-up cycle
as shown between time points 4 through 7 may occur.
Circuit Breaker Timing
In Figure 14a, the TIMER capacitor charges at 230
µA if the
SENSE pin exceeds VCB but VDRN is less than 5V. If the
SENSE pin drops below VCB before TIMER reaches the
Figure 11. Undervoltage Timing (All Waveforms are Referenced to VEE)
UV
TIMER
GATE
SENSE
SS
DRAIN
PWRGD
5.8
µA
58
µA
5.8
µA
5.8
µA
58
µA
UV DROPS BELOW VUVLO. GATE, SS AND TIMER ARE PULLED DOWN, PWRGD RELEASES
12
3 4 56
7
8 9
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
10 11
4252-1/2 F11
UV CLEARS VUVHI, CHECK OV CONDITION, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
VACL
VCB
230
µA + 8 • IDRN
20 • VOS
VIN – VGATEH
VDRNL
VDRNCL
20 • (VCB + VOS)
20 • (VACL + VOS)
VGATEL
VTMRL
VTMRH
VUVHI
VUVLO
GATE
START-UP
INITIAL TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com