Electronic Components Datasheet Search
  English  ▼

X  

LTC4252-2CMSTR Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4252-2CMSTR
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMSTR Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4252-2CMSTR Datasheet HTML 25Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 26Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 27Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 28Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 29Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 30Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 31Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 32Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
29
425212fb
current begins to decline below VACL(t). The current limit
loop shuts off and GATE releases at time point 8. At time
point 9, the SENSE voltage falls below VCB and TIMER
deactivates.
Large values of CSS can cause premature circuit breaker
time out as VACL(t) may exceed the VCB potential during
the circuit breaker delay. The load capacitor is unable to
achieve full charge in one GATE start-up cycle. A more
serious side effect of large CSS values is SOA duration may
be exceeded during soft-start into a low impedance load.
A soft-start voltage below VCB will not activate the circuit
breaker TIMER.
Power Limit Circuit Breaker
Figure 19 shows the LTC4252A-1 in a power limit circuit
breaking application. The SENSE pin is modulated by the
board supply voltage, VSUPPLY. The zener voltage, VZ is set
to be the same as the low supply operating voltage,
VSUPPLY(MIN) = 43V. If the goal is to have the high supply
operating voltage, VSUPPLY(MAX) = 71V giving the same
power at VSUPPLY(MIN), then resistors R4 and R6 are
selected using the ratio:
APPLICATIO S I FOR ATIO
R
R
V
V
CB
SUPPLY MAX
6
4
=
()
(16)
If R6 is 27
Ω, R4 is 38.3k. The peak circuit breaker power
limit is:
POWER
VV
VV
POWER
POWER
MAX
SUPPLY MIN
SUPPLY MAX
SUPPLY MIN
SUPPLY MAX
SUPPLY MIN
SUPPLY MIN
=
+
()
=
()
(
)
()
(
)
()
()
••
•
.•
2
4
1 064
(17)
when
VSUPPLY = 0.5 • (VSUPPLY(MIN) + VSUPPLY(MAX)) = 57V.
The peak power at the fault current limit occurs at the
supply overvoltage threshold. The fault current limited
power is:
POWER
V
R
VV
V
R
R
FAULT
SUPPLY
S
ACL
SUPPLY
Z
=
()
⎛
⎝⎜
⎞
⎠⎟
•–
–
•
6
4
(18)
Figure 18. Soft-Start Timing (All Waveforms are Referenced to VEE)
(18a) Without External CSS
(18b) With External CSS
TIMER
GATE
SENSE
SS
DRAIN
VTMRH
VDRNCL
VACL
VCB
VDRNL
VGS(th)
VIN – VGATEH
VTMRL
4252-1/2 F18
PWRGD
5.8
µA
58
µA
58
µA
TIMER
GATE
SENSE
SS
DRAIN
VTMRH
VDRNCL
VCB
VACL
VDRNL
VGS(th)
VIN – VGATEH
VTMRL
PWRGD
5.8
µA
58
µA
58
µA
12 34 567
7a
8 9
10
11
END OF INTIAL TIMING CYCLE
12 3 4 5 6
7
8 9
10
11
END OF INTIAL TIMING CYCLE
20 • VOS
20 • (VCB + VOS)
20 • (VACL + VOS)
20 • VOS
20 • (VCB + VOS)
20 • (VACL + VOS)
230
µA + 8 • IDRN
230
µA + 8 • IDRN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com