Electronic Components Datasheet Search
  English  ▼

X  

LTC4252-2CMSTR Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4252-2CMSTR
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMSTR Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4252-2CMSTR Datasheet HTML 22Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 23Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 24Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 25Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 26Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 27Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 28Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 29Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
26
425212fb
APPLICATIO S I FOR ATIO
VTMRH threshold, TIMER is discharged by 5.8µA. In Figure
14b, when TIMER exceeds VTMRH, GATE pulls down
immediately and the LTC4252 shuts down. In Figure 14c,
multiple momentary faults cause the TIMER capacitor to
integrate and reach VTMRH. GATE pull down follows and
the LTC4252 shuts down. During shutdown, the LTC4252-1
latches TIMER high with a 5.8
µA pull-up current source;
the LTC4252-2 activates a shutdown cooling cycle.
Resetting a Fault Latch (LTC4252-1)
The latched circuit breaker fault of LTC4252-1 benefits
from long cooling time. It is reset by pulling the UV pin
below VUVLO with a switch. Reset is also accomplished by
pulling the VIN pin momentarily below (VLKO – VLKH). A
third reset method involves pulling the TIMER pin below
VTMRL as shown in Figure 15. An initial timing cycle is
skipped if TIMER is used for reset. An initial timing cycle
is generated if reset by the UV pin or the VIN pin.
The duration of the TIMER reset pulse should be smaller
than the time taken to reach 0.2V at SS pin. With a single
pole mechanical pushbutton switch, this may not be
feasible. A double pole, single throw pushbutton switch
removes this restriction by connecting the second switch
to the SS pin. With this method, both the SS and TIMER
pins are released at the same time (see Figure 24).
Shutdown Cooling Cycle (LTC4252-2)
Figure 16 shows the timer behavior of the LTC4252-2. At
time point 2, TIMER exceeds VTMRH, GATE pulls down
immediately and the LTC4252 shuts down. TIMER starts
a shutdown cooling cycle by discharging TIMER with
5.8
µA to the VTMRL threshold. TIMER then charges with
5.8
µA to the VTMRH threshold. There are four 5.8µA
discharge phases and three 5.8
µA charge phases in this
shutdown cooling cycle spanning time points 2 and 3. At
time point 3, the LTC4252 automatic retry occurs with a
start-up cycle. Good thermal management techniques are
highly recommended; power and thermal dissipation must
be carefully evaluated when implementing the automatic
retry scheme.
(14a) Momentary Circuit-Breaker Fault
Figure 14. Circuit-Breaker Timing Behavior (All Waveforms are Referenced to VEE)
(14b) Circuit-Breaker Time Out
(14c) Multiple Circuit-Breaker Fault
CB FAULT
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD
TIMER
GATE
SENSE
VOUT
SS
DRAIN
PWRGD
CB FAULT
CB FAULT
CB FAULT
5.8
µA
5.8
µA
12
4252-1/2 F14
12
CB TIMES OUT
14
3
2
CB TIMES OUT
VACL
VCB
VACL
VDRNCL
VCB
VACL
VTMRH
VTMRH
VTMRH
VCB
230
µA + 8 • IDRN
VDRNCL
230
µA + 8 • IDRN
230
µA + 8 • IDRN
230
µA + 8 • IDRN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com