Electronic Components Datasheet Search
  English  ▼

X  

LTC4252-2CMSTR Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4252-2CMSTR
Description  Negative Voltage Hot Swap Controllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4252-2CMSTR Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4252-2CMSTR Datasheet HTML 18Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 19Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 20Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 21Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 22Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 23Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 24Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 25Page - Linear Technology LTC4252-2CMSTR Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC4252-1/LTC4252-2
LTC4252A-1/LTC4252A-2
22
425212fb
APPLICATIO S I FOR ATIO
At time point 8, the load current falls and the SENSE
voltage drops below VACL(t). The analog current limit loop
shuts off and the GATE pin ramps further. At time point 9,
the SENSE voltage drops below VCB, the fault TIMER cycle
ends, followed by a 5.8
µA discharge cycle (cool off). The
duration between time points 7 and 9 must be shorter than
one circuit breaker delay to avoid a fault time out during
GATE ramp-up. When GATE ramps past the VGATEH thresh-
old at time point 10, PWRGD pulls low. At time point 11,
GATE reaches its maximum voltage as determined by VIN.
Live Insertion with Short Pin Control of UV/OV
In the example shown in Figure 10, power is delivered
through long connector pins whereas the UV/OV divider
makes contact through a short pin. This ensures the power
connections are firmly established before the LTC4252 is
activated. At time point 1, the power pins make contact and
VIN ramps through VLKO. At time point 2, the UV/OV divider
makes contact and its voltage exceeds VUVHI. In addition,
the internal logic checks for OV < VOVHI, GATE < VGATEL,
SENSE < VCB, SS < 20 • VOS and TIMER < VTMRL. If all
conditions are met, an initial timing cycle starts and the
TIMER capacitor is charged by a 5.8
µA current source
pull-up. At time point 3, TIMER reaches the VTMRH thresh-
old and the initial timing cycle terminates. The TIMER
capacitor is quickly discharged. At time point 4, the VTMRL
threshold is reached and the conditions of GATE < VGATEL,
SENSE < VCB and SS < 20 • VOS must be satisfied before
Figure 9. System Power-Up Timing (All Waveforms are Referenced to VEE)
GND – VEE OR
(–48RTN) – (–48V)
UV/OV
VIN
TIMER
GATE
VLKO
SENSE
VIN CLEARS VLKO, CHECK UV > VUVHI, OV < VOVLO, GATE < VGATEL, SENSE < VCB, SS < 20 • VOS AND TIMER < VTMRL
VOUT
12
3 4 56
7
8
VACL
VCB
9
TIMER CLEARS VTMRL, CHECK GATE < VGATEL, SENSE < VCB AND SS < 20 • VOS
SS
DRAIN
PWRGD
230
µA + 8 • IDRN
5.8
µA
20 • VOS
58
µA
10 11
VIN – VGATEH
VDRNL
VDRNCL
20 • (VCB + VOS)
20 • (VACL + VOS)
VGATEL
VTMRL
VTMRH
5.8
µA
5.8
µA
58
µA
4252-1/2 F09
GATE
START-UP
INITIAL TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com