Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 103 page
background image
WM8580
Production Data
w
PD Rev 4.5 February 2008
58
OSC
CLK
(MHz)
PRE-
SCALE
_x
F1
(MHz)
F2
(MHz)
R
PLLx_N
(Hex)
PLLx_K
(Hex)
FREQ
MODE_x
[1:0]
POST-
SCALE_x
PLLxCLK
(MHz)
12
0
12
98.304
8.192
8
C49BA
00
1
24.576
12
0
12
98.304
8.192
8
C49BA
01
0
24.576
12
0
12
98.304
8.192
8
C49BA
01
1
12.288
12
0
12
98.304
8.192
8
C49BA
10
0
12.288
12
0
12
98.304
8.192
8
C49BA
10
1
6.144
12
0
12
98.304
8.192
8
C49BA
11
0
8.192
12
0
12
98.304
8.192
8
C49BA
11
1
4.096
24
1
12
90.3168
7.5264
7
21B089
00
1
22.5792
24
1
12
90.3168
7.5264
7
21B089
01
0
22.5792
24
1
12
90.3168
7.5264
7
21B089
01
1
11.2896
24
1
12
90.3168
7.5264
7
21B089
10
0
11.2896
24
1
12
90.3168
7.5264
7
21B089
10
1
5.6448
24
1
12
90.3168
7.5264
7
21B089
11
0
7.5264
24
1
12
90.3168
7.5264
7
21B089
11
1
3.7632
27
1
13.5
98.304
7.2818
7
1208A5
00
1
24.576
27
1
13.5
98.304
7.2818
7
1208A5
01
1
12.288
27
1
13.5
90.3168
6.6901
6
2C2B24
00
1
22.5792
27
1
13.5
90.3168
6.6901
6
2C2B24
01
1
11.2896
Table 52 User Mode PLL Configuration Examples
When considering settings not shown in this table, the key configuration parameters which must be
selected for optimum operation are:
•
90MHz ≤ f2 ≤ 100MHz
•
5 ≤ PLLx_N ≤ 13
•
OSCCLOCK = 10 to 14.4MHz or 16.28 to 27MHz
CLOCK OUTPUT (CLKOUT) AND MCLK OUTPUT (MCLK)
The clock output (CLKOUT) pin can be used as a clock output. This pin is intended to be used as a
clock source pin for providing the central clock reference for an audio system.
The CLKOUT clock source can be selected from OSCCLK, PLLACLK or PLLBCLK. The
control bits for the CLKOUT signal are shown in Table 53.
The MCLK pin can be configured as an input or output – the WM8580 should be powered
down when switching MCLK between an input and an output. As an output, MCLK can be
sourced from OSCCLK, PLLACLK or PLLBCLK.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:5
MCLKOUTSRC
00
MCLK pin output source
00 = Input – Source MCLK pin
01 = Output – Source PLLACLK
10 = Output – Source PLLBCLK
11 = Output – Source OSCCLK
R7
PLLB 4
07h
8:7
CLKOUTSRC
11
CLKOUT pin source
00 = No Output (tristate)
01 = Output – Source PLLACLK
10 = Output – Source PLLBCLK
11 = Output – Source OSCCLK
Table 53 MCLK and CLKOUT Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com