Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
17
DEVICE DESCRIPTION
INTRODUCTION
WM8580 is a complete mutli-channel CODEC with integrated S/PDIF transceiver. The device
comprises three separate stereo DACs and a stereo ADC, in a single package, and controlled by
either software or hardware interfaces.
The three stereo DAC outputs are ideal to implement a complete 5.1 channel surround system. Each
DAC has its own digital volume control (adjustable in 0.5dB steps) with zero cross detection. With
zero cross enabled, volume updates occur as a signal transitions through its zero point. This
minimises audible clicks and ‘zipper’ noise as the gain values change.
Each stereo DAC has its own data input (DIN1/2/3) and shared word clock (PAIFRX_LRCLK), bit
clock (PAIFRX_BCLK) and master clock (MCLK). The stereo ADC has data output (DOUT), word
clock (PAIFTX_LRCLK), and bit clock (PAIFTX_BCLK). This allows the ADC to operate at a different
sample rate to the DACs. In addition, a separate ADC master clock (ADCMCLK) can be used instead
of MCLK for further flexibility.
There are two independent Digital Audio Interfaces, which may be configured to operate in either
master or slave mode. In Slave mode, the LRCLKs and BCLKs are inputs. In Master mode, the
LRCLKs and BCLKs are outputs.
The Audio Interfaces support Right Justified, Left Justified, I2S and DSP formats. Word lengths of 16,
20, 24 and 32 bits are available (with the exception of 32 bit Right Justified).
Operation using system clocks of 128fs, 192fs, 256fs, 384fs, 512fs, 768fs or 1152fs is provided. In
Slave mode, selection between clock rates is automatically controlled. In master mode, the master
clock to sample rate ratio is set by register control. Sample rates (fs) from less than 8ks/s up to
192ks/s are permitted providing the appropriate system clock is input.
The S/PDIF Transceiver is IEC-60958-3 compatible with 32k frames/s to 96k frames/s support.
S/PDIF data can be input on one of four pins, and routed internally to the Audio Interfaces, DAC1,
and S/PDIF transmitter. Error flags and status information can be read back over the serial interface,
or output on GPO pins. The S/PDIF Transmitter can source data from the ADC, S/PDIF Receiver or
Audio Interfaces. The Transceiver supports Consumer Mode Channel information, and transmitted
Channel bits can be configured via register control.
The Digital Routing paths between all the interfaces can be configured by the user, as can the
corresponding interface clocking schemes.
There are two PLLs, which can be independently configured to generate two system clocks for
internal or external use.
The serial control interface is controlled by pins CSB, SCLK, and SDIN, which are 5V tolerant with
TTL input thresholds, allowing the WM8580 to be used with DVDD = 3.3V and be controlled by a
controller with 5V output. SDO allows status registers to be read back over the serial interface (SDO
is not 5V tolerant).
The WM8580 may also be controlled in hardware mode, selected by the HWMODE pin. In hardware
mode, limited control of internal functionality is available via the Multi-Function Pins (MFPs) and
CSB, SCLK, SDIN and MUTE pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com