Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 4 Page - Texas Instruments

  ISO1176 Datasheet HTML 1Page - Texas Instruments ISO1176 Datasheet HTML 2Page - Texas Instruments ISO1176 Datasheet HTML 3Page - Texas Instruments ISO1176 Datasheet HTML 4Page - Texas Instruments ISO1176 Datasheet HTML 5Page - Texas Instruments ISO1176 Datasheet HTML 6Page - Texas Instruments ISO1176 Datasheet HTML 7Page - Texas Instruments ISO1176 Datasheet HTML 8Page - Texas Instruments ISO1176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DRIVER SWITCHING CHARACTERISTICS
RECEIVER ELECTRICAL CHARACTERISTICS
ISO1176
SLLS897B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tpLH, tpHL
Propagation delay time
35
ns
VCC1 at 5 V
VCC2 at 5 V
tsk(p)
Pulse skew (|tpHL – tpLH|)
2
5
ns
tpLH, tpHL
Propagation delay time
40
ns
VCC1 at 3.3 V
See Figure 10
VCC2 at 5 V
tsk(p)
Pulse skew (|tpHL – tpLH|)
2
5
ns
tr
Differential output signal rise time
2
3
7.5
ns
tf
Differential output signal fall time
2
3
7.5
ns
tpDE
DE to ISODE prop delay
See Figure 14
30
ns
tt(MLH), tt(MHL)
Output transition skew
See Figure 11
1
ns
tp(AZH), tp(BZH)
Propagation delay time, high-impedance-to-active output
80
ns
tp(AZL), tp(BZL)
CL = 50 pF,
tp(AHZ), tp(BHZ)
RE at 0 V,
Propagation delay time, active-to- high-impedance output
80
ns
tp(ALZ), tp(BLZ)
See Figure 12 and
Figure 13
|tp(AZL) – tp(BZH)|
Enable skew time
0.55
1.5
ns
|tp(AZH) – tp(BZL)|
t(CFB)
Time from application of short-circuit to current foldback
See Figure 9
0.5
µs
t(TSD)
Time from application of short-circuit to thermal shutdown
TA = 25°C, See Figure 9
100
µs
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(+)
Positive-going differential input voltage threshold
IO = –8 mA
–80
–10
mV
SeeFigure 15
VIT(–)
Negative-going differential input voltage threshold
IO = 8 mA
–200
–120
mV
Vhys
Hysteresis voltage (VIT+ – VIT-)
40
mV
IOH = –8 mA
VCC1 –0.4
3
VID = 200 mV,
VOH
High-level output voltage
V
See Figure 15
IOH = –20 µA
VCC1 –0.1
3.3
VCC1 at 3.3 V and VCC2 at
5 V
IOL = 8 mA
0.2
0.4
VID = –200 mV,
VOL
Low-level output voltage
V
See Figure 15
IOL = 20 µA
0
0.1
IOH = –8 mA
VCC1 –0.8
4.6
VID = 200 mV,
VOH
High-level output voltage
V
See Figure 15
IOH = –20 µA
VCC1 –0.1
5
VCC1 at 5 V and VCC2 at 5
V
IOL = 8 mA
0.2
0.4
VID = –200 mV,
VOL
Low-level output voltage
V
See Figure 15
IOL = –20 µA
0
0.1
IA, IB
VCC = 4.75 V or 5.25 V
VI = –7 V or 12 V,
Bus pin input current
–160
200
µA
IA(OFF)
Other input = 0 V
VCC2 = 0 V
IB(OFF)
II
Receiver enable input current
RE = 0 V
–50
50
µA
IOZ
High-impedance state output current
RE = VCC1
–1
1
µA
RID
Differential input resistance
A, B
48
k
Ω
Test input signal is a 1.5 MHz sine wave with
1 Vpp amplitude , CD is measured across
CID
Differential input capacitance
7
10
pF
A and B
CMR
Common mode rejection
See Figure 19
4
V
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com