Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 1 Page - Texas Instruments

  ISO1176 Datasheet HTML 1Page - Texas Instruments ISO1176 Datasheet HTML 2Page - Texas Instruments ISO1176 Datasheet HTML 3Page - Texas Instruments ISO1176 Datasheet HTML 4Page - Texas Instruments ISO1176 Datasheet HTML 5Page - Texas Instruments ISO1176 Datasheet HTML 6Page - Texas Instruments ISO1176 Datasheet HTML 7Page - Texas Instruments ISO1176 Datasheet HTML 8Page - Texas Instruments ISO1176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
NC
V
CC2
B
A
NC
GND2
DE
DW PACKAGE
(TOP VIEW)
V
CC1
GND1
GND2
ISODE
PV
ISO1176
functiondiagram
DE
6
D
5
R
3
4
RE
ISODE
10
B
A
13
12
PV
7
ISO1176
www.ti.com .......................................................................................................................................................... SLLS897B – MARCH 2008 – REVISED JUNE 2008
ISOLATED RS-485 PROFIBUS TRANSCEIVER
• 50 kV/µs Typical Transient Immunity
• 4000-V
PEAK Isolation
• Failsafe Receiver for Bus Open, Short, Idle
• Bus-Pin ESD Protection
• 3.3-V Inputs are 5-V Tolerant
–
16 kV HBM Between Bus Pins and GND2
–
6 kV HBM Between Bus Pins and GND1
• Profibus
• Meets or Exceeds the Requirements of
• Factory Automation
EN 50170 and TIA/EIA-485
• Networked Sensors
• Signaling Rates up to 40 Mbps
• Motor/Motion Control
• Differential Output Exceeds 2.1 V (54 Ω Load)
• HVA and Building Automation Networks
• Low Bus Capacitance – 10 pF (MAX)
• Networked Security Stations
The ISO1176 is an isolated differential line transceiver designed for use in PROFIBUS applications. The device
is ideal for long transmission lines since the ground loop is broken to provide for operation with a much larger
common mode voltage range. The symmetrical isolation barrier of each device is tested to provide 2500 Vrms of
isolation between the line transceiver and the logic level interface.
The galvanically isolated differential bus transceiver is an integrated circuit designed for bi-directional data
communication on multipoint bus-transmission lines. The transceiver combines a galvanically isolated differential
line driver and differential input line receiver. The driver has an active-high enable with isolated enable-state
output on the ISODE pin (pin 10) to facilitate direction control. The driver differential outputs and the receiver
differential inputs connect internally to form a differential input/output (I/O) bus port that is designed to offer
minimum loading to the bus whenever the driver is disabled or Vcc2 = 0.
The PV pin (pin 7) is provided as a full-chip enable option. All device outputs become high impedance when a
logic low is applied to the PV pin. For more information, see the function tables in the device information section.
Any cabled I/O can be subjected to electrical noise transients from various sources. These noise transients can
cause damage to the transceiver and/or near-by sensitive circuitry if they are of sufficient magnitude and
duration. The ISO1176 can significantly reduce the risk of data corruption and damage to expensive control
circuits.
The device is characterized for operation over the ambient temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO1176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DW TI-ISO1176DW Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DWG4 TI-ISO1176DWG4 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DWR TI-ISO1176DWR Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176DWRG4 TI-ISO1176DWRG4 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
More results

Similar Description - ISO1176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
Isolated RS-485 Profibus Transceiver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
Isolated Profibus RS-485 Transceiver
logo
Renesas Technology Corp
ISL32740E RENESAS-ISL32740E Datasheet
881Kb / 20P
Isolated 40Mbps RS-485 PROFIBUS Transceiver
ISL32741E RENESAS-ISL32741E Datasheet
898Kb / 19P
PROFIBUS Compliant 6kV VDE-Reinforced Isolated RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com