Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 13Page - Texas Instruments ISO1176 Datasheet HTML 14Page - Texas Instruments ISO1176 Datasheet HTML 15Page - Texas Instruments ISO1176 Datasheet HTML 16Page - Texas Instruments ISO1176 Datasheet HTML 17Page - Texas Instruments ISO1176 Datasheet HTML 18Page - Texas Instruments ISO1176 Datasheet HTML 19Page - Texas Instruments ISO1176 Datasheet HTML 20Page - Texas Instruments ISO1176 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Input
BInput
90kW
Input
A Input
18kW
16V
VCC2
16V
18kW
16V
16V
18kW
18kW
VCC2
Output
A andBOutputs
VCC2
16V
16V
90kW
IEC SAFETY LIMITING VALUES
ISO1176
www.ti.com .......................................................................................................................................................... SLLS897B – MARCH 2008 – REVISED JUNE 2008
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A Failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
DW-16
θ
JA = 212°C/W, VI = 5.5 V, TJ = 170°C,
128
mA
TA = 25°C
TS
Maximum case temperature
DW-16
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Characteristics table is that of a device installed in the JESD51-3, Low Effective Thermal Conductivity
Test Board for Leaded Surface Mount Packages and is conservative. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com