Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 9Page - Texas Instruments ISO1176 Datasheet HTML 10Page - Texas Instruments ISO1176 Datasheet HTML 11Page - Texas Instruments ISO1176 Datasheet HTML 12Page - Texas Instruments ISO1176 Datasheet HTML 13Page - Texas Instruments ISO1176 Datasheet HTML 14Page - Texas Instruments ISO1176 Datasheet HTML 15Page - Texas Instruments ISO1176 Datasheet HTML 16Page - Texas Instruments ISO1176 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
−40
−15
10
35
60
85
VCC =4.75V
VCC =5.25V
TA − Free-AirTemperature −°C
RL =110 Ω,
CL =50pF
VCC =5V
-99
-89
-79
-69
-59
-49
-39
-29
-19
-9
1
0
1
2
3
4
5
V
-OutputVoltage-V
O
15pFLoad
T =25°C
A
0
10
20
30
40
50
60
70
80
90
100
110
0
1
2
3
4
5
V
-OutputVoltage-V
O
15pFLoad
T =25°C
A
ISO1176
www.ti.com .......................................................................................................................................................... SLLS897B – MARCH 2008 – REVISED JUNE 2008
TYPICAL CHARACTERISTICS (continued)
DRIVER ENABLE SKEW
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
HIGH-LEVEL OUTPUT CURRENT
Figure 25.
Figure 26.
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 27.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com