Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 2 Page - Texas Instruments

  ISO1176 Datasheet HTML 1Page - Texas Instruments ISO1176 Datasheet HTML 2Page - Texas Instruments ISO1176 Datasheet HTML 3Page - Texas Instruments ISO1176 Datasheet HTML 4Page - Texas Instruments ISO1176 Datasheet HTML 5Page - Texas Instruments ISO1176 Datasheet HTML 6Page - Texas Instruments ISO1176 Datasheet HTML 7Page - Texas Instruments ISO1176 Datasheet HTML 8Page - Texas Instruments ISO1176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
SUPPLY CURRENT
ISO1176
SLLS897B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating junction temperature range unless otherwise noted
(1)
VALUE
UNIT
VCC1,
Supply voltage(2)
–0.5 to 7
V
VCC2
VO
Voltage at any bus I/O terminal
–9 to 14
V
VI
Voltage input at any D, DE or RE terminal
–0.5 to 7
V
IO
Receiver output current
±10
mA
Bus pins to GND1
±6
Human Body
JEDEC Standard 22, Test Method A114-C.01
Bus pins to GND2
±16
Model
kV
Electrostatic
All pins
±4
ESD
discharge
Charged Device
JEDEC Standard 22, Test Method C101
All pins
±1
Model
Machine model
ANSI/ESDS5.2-1996
All pins
±200
V
TJ
Maximum junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
(2)
All voltage values except differential I/O bus voltages are with respect to the referenced network ground terminal and are peak voltage
values.
MIN
TYP
MAX
UNIT
Logic side supply voltage, VCC1 (with respect to GND1)
3.15
5.5
VCC
V
Bus side supply voltage, VCC2 (with respect to GND2)
4.75
5.25
VCM
Voltage at either bus I/O terminal
A, B
–7
12
V
PV, RE
2
VCC1
VIH
High-level input voltage
V
D, DE
0.7 VCC1
PV, RE
0
0.8
VIL
Low-level input voltage
V
D, DE
0.3 VCC1
VID
Differential input voltage
A with respect to B
–12
12
V
Driver
–70
70
IO
Output current
mA
Receiver
–8
8
TJ
Operating junction temperature
–40
150
Ω
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DE at 0 V
4
6
3 V
DE at VCC1, 2 Mbps
5
mA
DE at VCC1, 25 Mbps
6
ICC1
Logic side RMS supply current
DE at 0 V
7
10
5.5 V
DE at VCC1, 2 Mbps
8
mA
DE at VCC1, 25 Mbps
11
DE at 0 V
15
18
ICC2
Bus side RMS supply current
5.25 V
DE at VCC1, 2 Mbps, 54 Ω load
70
mA
DE at VCC1, 25 Mbps, 54 Ω load
75
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com