Electronic Components Datasheet Search
  English  ▼

X  

ISO1176 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO1176 Datasheet HTML 15Page - Texas Instruments ISO1176 Datasheet HTML 16Page - Texas Instruments ISO1176 Datasheet HTML 17Page - Texas Instruments ISO1176 Datasheet HTML 18Page - Texas Instruments ISO1176 Datasheet HTML 19Page - Texas Instruments ISO1176 Datasheet HTML 20Page - Texas Instruments ISO1176 Datasheet HTML 21Page - Texas Instruments ISO1176 Datasheet HTML 22Page - Texas Instruments ISO1176 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
REGULATORY INFORMATION
IEC 60554-1 RATINGS TABLE
IEC 60747-5-2 INSULATION CHARACTERISTICS
ISO1176
www.ti.com .......................................................................................................................................................... SLLS897B – MARCH 2008 – REVISED JUNE 2008
VDE
UL
Certified according to IEC 60747-5-2
Recognized under 1577 Component Recognition Program(1)
File Number: 40014131
File Number: E181974
(1)
Production tested
≥ 3000 Vrms for 1 second in accordance with UL 1577.
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
IIIa
Installation classification
Rated mains voltage < 150 VRMS
I-IV
Rated mains voltage < 300 VRMS
I-III
Rated mains voltage < 400 VRMS
I-II
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
560
V
VPR
Input to output test voltage
Method b1, VPR = VIORM × 1.875, 100% Production
1050
V
test with t = 1 s, Partial discharge <5 pC
VIOTM
Transient overvoltage
t = 60 s
4000
V
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com