Electronic Components Datasheet Search
  English  ▼

X  

AX6108 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AX6108 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
------------------------------------------------------------------------------------------------------------------------
AX6018 Dot Matrix Liquid Crystal Graphic Display Column Driver
------------------------------------------------------------------------------------------------------------------------
Display Control Timing
(GND = 0V, Vcc = 4.5 to 5.5 V, Ta = -20 to +75¢ J
)
Fig. 4
£ gs
--
--
35
tWHCL
CL high level width
Fig. 4
£ gs
--
--
35
tWLCL
CL low level width
Fig. 4
£ gs
2
--
-2
tDM
M delay time
Fig. 4
£ gs
2
--
-2
tDFRM
FRM delay time
Test Condition
Unit
Max
Typ
Min
Symbol
Item
Limit
Figure 4 Display Control Signal Waveform
ASLIC MICROELECTRONICS CORP.
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
Page 10
0.7Vcc
0.3Vcc
0.7Vcc
0.3Vcc
t
t
t
t
t
0.7Vcc
0.3Vcc
CL
FRM
M
WLCL
DFRM
WHCL
DFRM
DM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com