Electronic Components Datasheet Search
  English  ▼

X  

AX6108 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AX6108 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
------------------------------------------------------------------------------------------------------------------------
Notes : 2.
3. DB0 - DB7 : load circuit
------------------------------------------------------------------------------------------------------------------------
AX6018 Dot Matrix Liquid Crystal Graphic Display Column Driver
ASLIC MICROELECTRONICS CORP.
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
Page 8
P
WEL
2.0V
0.8V
t
t
AS
AS
P
WEH
cyc
t
t f
tAH
tr
2.0V
0.8V
2.4V
0.4V
t
t
t AH
DDR
DHR
E
R/W
CS1 - CS3
D/I
DB0 - DB7
Figure 2 CPU Read Timing
¡´
D1
C
R
RL
D2
D3
D4
Test
point
RL = 2.4k£[
R = 11k £[
C = 130pF (including jig capacitance)
Diodes D1 - D4 are all 1S2074 H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com