Electronic Components Datasheet Search
  English  ▼

X  

AX6108 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AX6108 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AX6018 Dot Matrix Liquid Crystal Graphic Display Column Driver
------------------------------------------------------------------------------------------------------------------------
Electrical Characterisstics
(GND = 0 V, Vcc = 4.5 to 5.5V, Vcc - VEE = 8 to 17.0 V, Ta = -20 to +75¢ J
)
7
During access
access cycle =
1MHz
£ gA
500
--
--
ICC (2)
7
During display
£ gA
100
--
--
ICC (1)
Dissipation current
8
Vcc - VEE= 15V
¡ Ó
ILOAD = 0.1 mA
k£ [
7.5
--
--
RON
Driver on resistance
6
Vin= VEE - Vcc
£ gA
2
--
-2
ILSL
Liquid crystal supply leakage
current
5
Vin= GND - Vcc
£ gA
5
--
-5
ITSL
Three-state (off) input current
4
Vin= GND - Vcc
£ gA
1
--
-1
IIL
Input leakage current
3
IOL= -1.6mA
V
0.4
--
--
VOL
Output low voltage
3
IOH= -205£ g
A
V
--
--
2.4
VOH
Output high voltage
2
V
0.8
--
0
VILT
1
V
0.3xVcc
--
0
VILC
Input low voltage
2
V
Vcc
--
2
VIHT
1
V
Vcc
--
0.7xVcc
VIHC
Input high voltage
Note
Test Condition
Unit
Max
Typ
Min
Symbol
Item
Limit
Notes : 1. Applies to M, FRM, CL, RST, £ p
1 and £ p
2.
2. Applies to CS1, CS2, CS3, E, R/W, D/I, and DB0 - DB7.
3. Applies to DB0 - DB7.
4. Applies to terminals except for DB0 - DB7.
5. Applies to DB0 - DB7 at high impedance.
6. Applies to V1L - V4L and V1R - V4R.
7. Specified when liquid crystal display is in 1/64 duty cycle mode.
Operation frequency fCLK = 250 kHz (£ p
1 and £ p
2 frequency)
Frame frequency fM = 70 Hz (FRM frequency)
Specified in the state of
Output terminal : not loaded
Input level : VIH = Vcc (V)
VIL = GND (V)
Measured at Vcc terminal
8. Resistance between terminal Y and terminal V (one of V1L, V1R, V2L, V2R, V3L, V3R,
V4L and V4R) when load current flows through one of the treminals Y1 to Y64. This value
is specified under the following condition :
------------------------------------------------------------------------------------------------------------------------
AX6018 Dot Matrix Liquid Crystal Graphic Display Column Driver
ASLIC MICROELECTRONICS CORP.
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com