Electronic Components Datasheet Search
  English  ▼

X  

AX6108 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX6108 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AX6108 Dot Matrix Liquid Crystal Graphic
Display Column Driver
Description
AX6108 is a column (segment) driver for dot matrix liquid crystal graphic display systems. It stores
the display data transferred from a 8-bit micro controller in the internal display RAM and generates dot
matrix liquid crystal driving signals.
Each bit data of display RAM corresponds to the on/off state of a dot of a liquid crystal display to
provide more flexible than character display.
As it is internally equipped with 64 output drivers for display, it is available for liquid crystal graphic
display with many dots.
The AX6108, which is produced in the CMOS process, can complete portable battery drive equipment
in combination with a CMOS microcontroller, utilizing the liquid crystal display's low power
dissipation.
Moreover it can facilitate dot matrix liquid crystal graphic display system configuration in combination
with the row (common) driver AX6107
Features
¡ ´
Dot matrix liquid crystal graphic display column driver incorporating display RAM
¡ ´
RAM data direct display by internal display RAM
¡ ´
RAM bit data 1:On
¡ ´
RAM bit data 1:Off
¡ ´
Internal display RAM address counter preset, increment
¡ ´
Display RAM capacity : 512 bytes (4096 bits)
¡ ´
8-bit parallel interface
¡ ´
Internal liquid crystal display driver circuit : 64
¡ ´
Display duty cycle : Drives liquid crystal panels with 1/32 - 1/64 duty cycle multiplexing
¡ ´
Wide range of instruction function : Display Data Read/Write, Display On/Off, Set Address, Set
Display Start Line, Read Status
¡ ´
Lower power dissipation : during display 2 mW max
¡ ´
Power supply : Vcc: 5V¡ Ó
10%
¡ ´
Liquid crystal display driving voltage : 8V to 17.0V
¡ ´
CMOS process
¡ ´
100-pin flat plastic package (FP-100)
ASLIC MICROELECTRONICS CORP.
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
Page 1


Similar Part No. - AX6108

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX61120TB AXIOMTEK-AX61120TB Datasheet
435Kb / 2P
1U Rackmount Chassis for full-size SBC
May. 08, 2019
AX61120TB/X200 AXIOMTEK-AX61120TB/X200 Datasheet
435Kb / 2P
1U Rackmount Chassis for full-size SBC
May. 08, 2019
AX61120TB/X270 AXIOMTEK-AX61120TB/X270 Datasheet
435Kb / 2P
1U Rackmount Chassis for full-size SBC
May. 08, 2019
AX61120TP AXIOMTEK-AX61120TP Datasheet
413Kb / 1P
Slim-line CD-ROM disk bay for ease of system installation
AX61120TP AXIOMTEK-AX61120TP Datasheet
431Kb / 2P
1U Rackmount Chassis for full-size SBC
More results

Similar Description - AX6108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
95Kb / 30P
(Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
(Dot Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
Dot-Matrix Liquid Crystal Display Controller/Driver
HD61202U HITACHI-HD61202U Datasheet
197Kb / 33P
Dot Matrix Liquid Crystal GraphicDisplay Column Driver
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD44103 HITACHI-HD44103 Datasheet
200Kb / 8P
DOT MATRIX LIQUID CRYCTAL GRAPHIC DISPLAY COMMON DRIVER
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com