Electronic Components Datasheet Search
  English  ▼

X  

AX6108 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AX6108
Description  Dot Matrix Liquid Crystal Graphic Display Column Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX6108 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AX6108 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX6108 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
------------------------------------------------------------------------------------------------------------------------
Interface AC Characteristics
MPU Interface
(GND = 0 V, Vcc = 4.5 to 5.5 V, Ta = -20 to +75¢ J
2
ns
--
--
20
tDHR
Data hold time (Read)
1
ns
--
--
10
tDHW
Data hold time (Write)
2, 3
ns
320
--
--
tDDR
Data delay time
1
ns
--
--
200
tDSW
Data setup time
1, 2
ns
--
--
10
tAH
Address hold time
1, 2
ns
--
--
140
tAS
Address setup time
1, 2
ns
25
--
--
tf
E fall time
1, 2
ns
25
--
--
tr
E rise time
1, 2
ns
--
--
450
PWEL
E low level width
1, 2
ns
--
--
450
PWEH
E high level width
1, 2
ns
--
--
1,000
tCYC
E cycle time
Note
Unit
Max
Typ
Min
Symbol
Item
Notes : 1.
------------------------------------------------------------------------------------------------------------------------
AX6018 Dot Matrix Liquid Crystal Graphic Display Column Driver
ASLIC MICROELECTRONICS CORP.
¸ à
µ Ø
¹ q¤ lª Ñ
¥ ÷
¦ ³
- -
¤ ½
¥ q
Page 7
2.0V
0.8V
P
WEL
2.0V
0.8V
t
t
AS
AS
P
WEL
cyc
t
t f
t AH
tr
2.0V
0.8V
2.0V
0.8V
t
t
tAH
DSW
DHW
E
R/W
CS1 - CS3
D/I
DB0 - DB7
Figure 1 CPU Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com