Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 52Page - STMicroelectronics L9805E Datasheet HTML 53Page - STMicroelectronics L9805E Datasheet HTML 54Page - STMicroelectronics L9805E Datasheet HTML 55Page - STMicroelectronics L9805E Datasheet HTML 56Page - STMicroelectronics L9805E Datasheet HTML 57Page - STMicroelectronics L9805E Datasheet HTML 58Page - STMicroelectronics L9805E Datasheet HTML 59Page - STMicroelectronics L9805E Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 127 page
background image
On-Chip Peripherals
L9805E
56/127
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = OC1E Output Compare 1 Enable.
0:
Output Compare 1 function is enabled, but the OCMP1 pin is a general I/O.
1:
Output Compare 1 function is enabled, the OCMP1 pin is dedicated to the Output
Compare 1 capability of the timer.
Bit 6 = OC2E Output Compare 2 Enable.
0:
Output Compare 2 function is enabled, but the OCMP2 pin is a general I/O.
1:
Output Compare 2 function is enabled, the OCMP2 pin is dedicated to the Output
Compare 2 capability of the timer.
Bit 5 = OPM One Pulse Mode.
0:
One Pulse Mode is not active.
1:
One Pulse Mode is active, the ICAP1 pin can be used to trigger one pulse on the
OCMP1 pin; the active transition is given by the IEDG1 bit. The length of the generated
pulse depends on the contents of the OCR1 register.
Bit 4 = PWM Pulse Width Modulation.
0:
PWM mode is not active.
1:
PWM mode is active, the OCMP1 pin outputs a programmable cyclic signal; the length
of the pulse depends on the value of OCR1 register; the period depends on the value of
OCR2 register.
Bit 3, 2 = CC1-CC0 Clock Control.
The value of the timer clock depends on these bits:
7
0
OC1E
OC2E
OPM
PWM
CC1
CC0
IEDG2
EXEDG
Table 9.
Clock Control Bits
CC1
CC0
Timer Clock
00
fCPU / 4
01
fCPU / 2
10
fCPU / 8
1
1
External Clock where available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com