Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 58Page - STMicroelectronics L9805E Datasheet HTML 59Page - STMicroelectronics L9805E Datasheet HTML 60Page - STMicroelectronics L9805E Datasheet HTML 61Page - STMicroelectronics L9805E Datasheet HTML 62Page - STMicroelectronics L9805E Datasheet HTML 63Page - STMicroelectronics L9805E Datasheet HTML 64Page - STMicroelectronics L9805E Datasheet HTML 65Page - STMicroelectronics L9805E Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
On-Chip Peripherals
L9805E
62/127
5.3
PWM Generator
5.3.1
Introduction
This PWM peripheral includes a 16-bit Pulse Width Modulator (PWM) and a programmable
prescaler able to generate an internal clock with period as long as 128*T
CPU.
The repetition rate of the 16-Bit PWM output can be defined by a dedicated register
(fCPU/CYREG); its resolution is defined by the internal clock as per the prescaler
programming.
Main Features
–
Programmable prescaler: fCPU divided by 2, 4, 8, 16, 32, 64 or 128.
–
1 control register
–
2 dedicated 16-bit registers for cycle and duty control
–
1 dedicated maskable interrupt
Procedure
To use the pulse width modulation peripheral, the EN_PWM bit in CONREG register must
be set.
Load PS(2:0) in CONREG register to define the programmable prescaler.
Load the CYREG register with the value defining the cycle length (in internal clock periods).
The 16 bits of this register are separated in two registers: CYREGH and CYREGL.
Timer1: 3E
Timer2: 4E
OCHR2
Reset Value
MSB
-
------
LSB
-
Timer1: 3F
Timer2: 4F
OCLR2
Reset Value
MSB
-
------
LSB
-
Timer1: 38
Timer2: 48
CHR
Reset Value
MSB
1111111
LSB
1
Timer1: 39
Timer2: 49
CLR
Reset Value
MSB
1111110
LSB
0
Timer1: 3A
Timer2: 4A
ACHR
Reset Value
MSB
1111111
LSB
1
Timer1: 3B
Timer2: 4B
ACLR
Reset Value
MSB
1111110
LSB
0
Timer1: 3C
Timer2: 4C
ICHR2
Reset Value
MSB
-
------
LSB
-
Timer1: 3D
Timer2: 4D
ICLR2
Reset Value
MSB
-
------
LSB
-
Table 10.
16-Bit Timer Register Map and Reset Values (continued)
Address
(Hex.)
Register
Name
76543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com