Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 73Page - STMicroelectronics L9805E Datasheet HTML 74Page - STMicroelectronics L9805E Datasheet HTML 75Page - STMicroelectronics L9805E Datasheet HTML 76Page - STMicroelectronics L9805E Datasheet HTML 77Page - STMicroelectronics L9805E Datasheet HTML 78Page - STMicroelectronics L9805E Datasheet HTML 79Page - STMicroelectronics L9805E Datasheet HTML 80Page - STMicroelectronics L9805E Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
L9805E
On-Chip Peripherals
77/127
Hardware Blocks
The CAN controller contains the following functional blocks (refer to Figure 37):
●
ST7 Interface: buffering of the ST7 internal bus and address decoding of the CAN
registers.
●
TX/RX Buffers: three 10-byte buffers for transmission and reception of maximum length
messages.
●
ID Filters: two 12-bit compare and don’t care masks for message acceptance filtering.
●
PSR: page selection register (see memory map).
●
BRPR: clock divider for different data rates.
●
BTR: bit timing register.
●
ICR: interrupt control register.
●
ISR: interrupt status register.
●
CSR: general purpose control/status register.
●
TECR: transmit error counter register.
●
RECR: receive error counter register.
●
BTL: bit timing logic providing programmable bit sampling and bit clock generation for
synchronization of the controller.
●
BCDL: bit coding logic generating a NRZ-coded datastream with stuff bits.
●
SHREG: 8-bit shift register for serialization of data to be transmitted and parallelisation
of received data.
●
CRC: 15-bit CRC calculator and checker.
●
EML: error detection and management logic.
●
CAN Core: CAN 2.0B passive protocol controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com