Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 85 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 81Page - STMicroelectronics L9805E Datasheet HTML 82Page - STMicroelectronics L9805E Datasheet HTML 83Page - STMicroelectronics L9805E Datasheet HTML 84Page - STMicroelectronics L9805E Datasheet HTML 85Page - STMicroelectronics L9805E Datasheet HTML 86Page - STMicroelectronics L9805E Datasheet HTML 87Page - STMicroelectronics L9805E Datasheet HTML 88Page - STMicroelectronics L9805E Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
L9805E
On-Chip Peripherals
85/127
Reset by software to discard all messages transmitted by the node. Allows remote and data
frames to share the same identifier.
Bit 3 = NRTX No Retransmission
− Read/Set/Clear
Set by software to disable the retransmission of unsuccessful messages.
Cleared by software to enable retransmission of messages until success is met.
Bit 2 = FSYN Fast Synchronization
− Read/Set/Clear
Set by software to enable a fast resynchronization when leaving standby mode, i.e. wait for
only 11 recessive bits in a row.
Cleared by software to enable the standard resynchronization when leaving standby mode,
i.e. wait for 128 sequences of 11 recessive bits.
Bit 1 = WKPS Wake-up Pulse
− Read/Set/Clear
Set by software to generate a dominant pulse when leaving standby mode.
Cleared by software for no dominant wake-up pulse.
Bit 0 = RUN CAN Enable
− Read/Set/Clear
Set by software to leave standby mode after 128 sequences of 11 recessive bits or just 11
recessive bits if FSYN is set.
Cleared by software to request a switch to the standby or low-power mode as soon as any
on-going transfer is complete. Read-back as 1 in the meantime to enable proper signalling
of the standby state. The CPU clock may therefore be safely switched OFF whenever RUN
is read as 0.
BAUD RATE PRESCALER REGISTER (BRPR)
Read/Write in Standby mode
Reset Value: 00h
RJW[1:0] determine the maximum number of time quanta by which a bit period may be
shortened or lengthened to achieve resynchronization.
tRJW = tCAN * (RJW + 1)
BRP[5:0] determine the CAN system clock cycle time or time quanta which is used to build
up the individual bit timing.
tCAN = tCPU * (BRP + 1)
Where tCPU = time period of the CPU clock.
The resulting baud rate can be computed by the formula:
Note:
Writing to this register is allowed only in Standby mode to prevent any accidental CAN
protocol violation through programming errors.
7
0
RJW1
RJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
BR
1
t
CPU
BRP
1
+
()
×
BS1
BS2
3
++
()
×
--------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com