Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 68Page - STMicroelectronics L9805E Datasheet HTML 69Page - STMicroelectronics L9805E Datasheet HTML 70Page - STMicroelectronics L9805E Datasheet HTML 71Page - STMicroelectronics L9805E Datasheet HTML 72Page - STMicroelectronics L9805E Datasheet HTML 73Page - STMicroelectronics L9805E Datasheet HTML 74Page - STMicroelectronics L9805E Datasheet HTML 75Page - STMicroelectronics L9805E Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
On-Chip Peripherals
L9805E
72/127
The sensor generates a voltage proportional to the absolute temperature of the die. It works
over the whole temperature range, with a minimum resolution of 1LSB/°K (5mV/°K)
(Figure 36 shows the indicative voltage output of the sensor).
Note The voltage output of the sensor is only related to the absolute temperature of the
silicon junctions. Junction temperature and ambient temperature must be related taking in
account the power dissipated by the device and the thermal resistance Rthje between the
silicon and the environment around the application board.
Figure 36.
Temperature Sensor output
The output of the sensor is not ratiometric with the voltage reference for the ADC conversion
(VCC). When calculating the ADC reading error of this signal the variation of VCC must be
accounted. Additional errors are due to the intrinsic spread of the sensor characteristic.
5.5.6
Precise Temperature Measurement
To allow a more precise measurement of the temperature a trimming procedure can be
adopted (on request).
The temperature is measured in EWS and two values are stored in four EEPROM bytes
(see memory map):
T0L,T0H: temperature of the trimming measurement (in Kelvin).
VT0L,VT0H: output value of the ADC corresponding to T0 (in number of LSBs).
The corrected measurement of the temperature in Kelvin must be accomplished in the
following way:
TEMP (in °K) = VTEMP * T0 / VT0
where VTEMP is the output code in LSB of the ADC corresponding to the measurement.
Example:
If the value stored in EEPROM are:
0C7Ch: 01h ->T0H
0C7Dh: 43h ->T0L
0C7Eh: 01h -> VT0H
0C7Fh: 5Ch -> VT0L
VTEMP
Temperature (°K)
1.0
2.5
1.3
1.6
1.9
2.2
273
323
373
423
473
223
max
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com