Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 61Page - STMicroelectronics L9805E Datasheet HTML 62Page - STMicroelectronics L9805E Datasheet HTML 63Page - STMicroelectronics L9805E Datasheet HTML 64Page - STMicroelectronics L9805E Datasheet HTML 65Page - STMicroelectronics L9805E Datasheet HTML 66Page - STMicroelectronics L9805E Datasheet HTML 67Page - STMicroelectronics L9805E Datasheet HTML 68Page - STMicroelectronics L9805E Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
L9805E
On-Chip Peripherals
65/127
This is an 8-bit register that contains the low part of the value to be multiplied by internal
clock period.
PWM CYCLE REGISTER HIGH (CYREGH)
PWM1 Register Address: 0010h
PWM2 Register Address: 0018h
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the high part of the value to be multiplied by internal
clock period.
.
PWM DUTYCYCLE REGISTER LOW (DUTYREGL)
PWM1 Register Address: 0013h
PWM2 Register Address: 001Bh
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the low part
of the value corresponding to the binary weight of
the PWM pulse.
PWM DUTYCYCLE REGISTER HIGH (DUTYREGH)
PWM1 Register Address: 0012h
PWM2 Register Address: 001Ah
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the high part
of the value corresponding to the binary weight of the PWM pulse
.
PWM CONTROL REGISTER (CONREG)
PWM1 Register Address: 0014h
PWM2 Register Address: 001Ch
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com