Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 104 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 104 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 100Page - STMicroelectronics L9805E Datasheet HTML 101Page - STMicroelectronics L9805E Datasheet HTML 102Page - STMicroelectronics L9805E Datasheet HTML 103Page - STMicroelectronics L9805E Datasheet HTML 104Page - STMicroelectronics L9805E Datasheet HTML 105Page - STMicroelectronics L9805E Datasheet HTML 106Page - STMicroelectronics L9805E Datasheet HTML 107Page - STMicroelectronics L9805E Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 127 page
background image
On-Chip Peripherals
L9805E
104/127
5.9.3
Register Description
EEPROM CONTROL REGISTER (EECR)
Address: 002Ch - Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:3 = Reserved, forced by hardware to 0.
Bit 2 = E2ITE: Interrupt enable.
This bit is set and cleared by software.
0: Interrupt disabled
1: Interrupt enabled
When the programming cycle is finished (E2PGM toggle from 1 to 0), an interrupt is
generated only if E2ITE is high. The interrupt is automatically cleared when the micro-
controller enters the EEPROM interrupt routine.
Bit 1 = E2LAT: Read/Write mode.
This bit is set by software. It is cleared by hardware at the end of the programming cycle. It
can be cleared by software only if E2PGM=0.
0: Read mode
1: Write mode
When E2LAT=1, if the E2PGM bit is low and the micro-controller is in write mode, the 8 bit
data bus is stored in one of the four groups of 8 bit data latches, selected by the address.
This happens every time the device executes an EEPROM Write instruction. If E2PGM
remains low, the content of the 8 bit data latches is not transferred into the matrix, because
the High Voltage charge-pump does not start. The 8 data latches are selected by the lower
part of the address (A<1:0> bits). If 4 consecutive write instructions are executed, by
sweeping from A<1:0>=0h to A<1:0>=3h, with the same higher part of the address, all the 4
groups of data latches will be written, and they will be ready to write a whole row of the
EEPROM matrix, as soon as E2PGM goes high and the charge-pump starts. If only one
write instruction is executed before E2PGM goes high, only one group of data latches will be
selected and only one byte of the matrix will be written. At the end of the programming cycle,
E2LAT bit is automatically cleared, and the data latches are cleared.
Bit 0 = E2PGM: Programming Control.
This bit is set by software to begin the programming cycle. At the end of the programming
cycle, this bit is cleared by hardware and an interrupt is generated if the E2ITE bit is set.
0: Programming finished or not started
1: Programming cycle is in progress
Note:
if the E2PGM bit is cleared during the programming cycle, the memory data is not
guaranteed.
Note:
Care should be taken during the programming cycle. Writing to the same memory location
will over-program the memory (logical AND between the two write access data result)
because the data latches are only cleared at the end of the programming cycle and by the
7
0
00
00
0
E2ITE
E2LAT
E2PGM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com