Electronic Components Datasheet Search
  English  ▼

X  

L9805E Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 117Page - STMicroelectronics L9805E Datasheet HTML 118Page - STMicroelectronics L9805E Datasheet HTML 119Page - STMicroelectronics L9805E Datasheet HTML 120Page - STMicroelectronics L9805E Datasheet HTML 121Page - STMicroelectronics L9805E Datasheet HTML 122Page - STMicroelectronics L9805E Datasheet HTML 123Page - STMicroelectronics L9805E Datasheet HTML 124Page - STMicroelectronics L9805E Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 127 page
background image
L9805E
Electrical Characteristics
121/127
7.6
Operating block electrical characteristics
These device-specific values take precedence over any generic values given elsewhere in
the document.
(Tj = -40... +150
oC, V
DD - GND = 5 V unless otherwise specified).
Table 20.
A/D converter
A/D Converter
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VAL
Resolution
10
bit
AE
Absolute Error
-2
2
LSB
FSC
Full Scale Error
-1
1
LSB
ZOE
Zero Offset Error
-1
1
LSB
NLE
Non Linearity Error
-2
2
LSB
DNLE
Differential Non Linearity
Error
-1/2
1/2
LSB
tc
Conversion Time
f
cpu = 8MHz
20
µs
IL
Leakage current
-0.5
0.5
µA
Vin
Input Voltage
0
VCC
V
TSENS
Temperature sensing range
-40
150
°C
TSENSR
Temperature sensor
resolution
1LSB/°K
TSENSE
Temperature sensor error (T
in °K)
±2(1)
1.
After trimming, being TTRIM the trimming temperature, the specified precision can be achieved in the range
TTRIM-80, max[TTRIM+80, 150°C]. Precision is related to the read temperature in Kelvin.
%
Table 21.
POWER Bridge
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
RdsON
Output Resistance
Measured on OUTL
and OUTR.
160
m
Ω
RdsON @
25°C
Output Resistance
Measured on OUTL
and OUTR.
90
m
Ω
ISC
Short circuit current
Short to VBL,VBR,
GND: load short
68
11
A
tSCPI
Short circuit protection
intervention time
12
ms
Thw
Thermal shutdown
threshold
165
175
185
°C
Thwh
Thermal shutdown
threshold hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com